Electronic Components Datasheet Search
  English  ▼

X  

TAS2563 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TAS2563 Datasheet HTML 65Page - Texas Instruments TAS2563 Datasheet HTML 66Page - Texas Instruments TAS2563 Datasheet HTML 67Page - Texas Instruments TAS2563 Datasheet HTML 68Page - Texas Instruments TAS2563 Datasheet HTML 69Page - Texas Instruments TAS2563 Datasheet HTML 70Page - Texas Instruments TAS2563 Datasheet HTML 71Page - Texas Instruments TAS2563 Datasheet HTML 72Page - Texas Instruments TAS2563 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 127 page
background image
0x3B
MISC
Section 8.5.49
0x3F
TG_CFG0
Tone Generator
Section 8.5.50
0x40
BST_ILIM_CFG0
Boost ILIM configuration-0
Section 8.5.51
0x41
PDM_CONFIG0
Section 8.5.52
0x42
DIN_PD & PDM_CONFIG3
Section 8.5.53
0x43
ASI2_CONFIG0
Section 8.5.54
0x44
ASI2_CONFIG1
Section 8.5.55
0x45
ASI2_CONFIG2
Section 8.5.56
0x46
ASI2_CONFIG3
Section 8.5.57
0x49
PVDD_MSB_DSP
SAR ADC Conversion 0
Section 8.5.58
0x4A
PVDD_LSB_DSP
SAR ADC Conversion 1
Section 8.5.59
0x7D
REV_ID
Revision and PG ID
Section 8.5.60
0x7E
I2C_CKSUM
I2C Checksum
Section 8.5.61
0x7F
BOOK
Device Book
Section 8.5.62
8.5.2 PAGE (page=0x00 address=0x00) [reset=0h]
The device's memory map is divided into pages and books. This register sets the page.
Figure 8-21. PAGE Register Address: 0x00
7
6
5
4
3
2
1
0
PAGE[7:0]
RW-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-91. Device Page Field Descriptions
Bit
Field
Type
Reset
Description
7-0
PAGE[7:0]
RW
0h
Sets the device page.
00h = Page 0
01h = Page 1
...
FFh = Page 255
8.5.3 SW_RESET (page=0x00 address=0x01) [reset=0h]
Asserting Software Reset will place all register values in their default POR (Power on Reset) state.
Figure 8-22. SW_RESET Register Address: 0x01
7
6
5
4
3
2
1
0
Reserved
SW_RESET
R-0h
RW-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-92. Software Reset Field Descriptions
Bit
Field
Type
Reset
Description
7-1
Reserved
R
0h
Reserved
0
SW_RESET
RW
0h
Software reset. Bit is self clearing.
0b = Don't reset
1b = Reset
8.5.4 PWR_CTL (page=0x00 address=0x02) [reset=Eh]
Sets device's mode of operation and power down of IV sense blocks.
www.ti.com
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com