Electronic Components Datasheet Search
  English  ▼

X  

TAS2563 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563 Datasheet(HTML) 4 Page - Texas Instruments

  TAS2563 Datasheet HTML 1Page - Texas Instruments TAS2563 Datasheet HTML 2Page - Texas Instruments TAS2563 Datasheet HTML 3Page - Texas Instruments TAS2563 Datasheet HTML 4Page - Texas Instruments TAS2563 Datasheet HTML 5Page - Texas Instruments TAS2563 Datasheet HTML 6Page - Texas Instruments TAS2563 Datasheet HTML 7Page - Texas Instruments TAS2563 Datasheet HTML 8Page - Texas Instruments TAS2563 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 127 page
background image
VBST
16
SW
15
GNDB
14
GREG
13
SPII2CZ_MISO
12
SDIN1
11
SDOUT1
10
NC
9
18
19
20
21
22
23
17
2
3
4
5
6
7
PVDD
25
OUT_N
26
GNDP
27
GNDD
28
VSNS_N
29
VBAT
30
VDD
31
32
1
8
24
IOVDD
PDMCLK
NC
PDMD
NC
Not to scale
Figure 5-2. RPP Package 32-pin QFN Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DSBGA
NO.
QFN NO.
ADDR_SPI
CLK
C4
19
I
I2C Mode - Address selection pin See General I2C operation. SPI Mode - SPI
clock
DREG
B6
2
P
Digital core voltage regulator output. Bypass to GND with a cap. Do not connect
to external load.
FSYNC
B3
5
I
I2S word clock or TDM frame sync for ASI1 and ASI2 channels.
GNDB
E1, E2, E3
14
P
Boost ground. Connect to PCB GND plane.
GNDD
F4
28
P
Digital ground. Connect to PCB GND plane.
GND
E4
N/A
P
Analog ground. Connect to PCB GND plane.
GNDP
E5,E6
27
P
Power stage ground. Connect to PCB GND plane.
GPIO
D6
22
IO
General purpose input-ouput or MCLK base on register configuration.
GREG
D4
13
P
High-side gate CP regulator output. Do not connect to external load.
IOVDD
A6
32
P
3.3-V/1.8-V IOVDD Supply
IRQZ
C5
18
O
Open drain, active low interrupt pin. Pull up to IOVDD with resistor if optional
internal pull up is not used.
OUT_N
F6
26
O
Class-D negative output for receiver channel.
OUT_P
F5
21
O
Class-D positive output for receiver channel.
PDMCLK
A1
9
IO
PDM clock.
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com