Electronic Components Datasheet Search
  English  ▼

X  

TAS2563 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS2563 Datasheet HTML 16Page - Texas Instruments TAS2563 Datasheet HTML 17Page - Texas Instruments TAS2563 Datasheet HTML 18Page - Texas Instruments TAS2563 Datasheet HTML 19Page - Texas Instruments TAS2563 Datasheet HTML 20Page - Texas Instruments TAS2563 Datasheet HTML 21Page - Texas Instruments TAS2563 Datasheet HTML 22Page - Texas Instruments TAS2563 Datasheet HTML 23Page - Texas Instruments TAS2563 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
VBAT Supply (V)
2.7
3.7
4.7
5.7
10
11
12
13
14
15
16
17
18
19
20
D015
ICN A weighted(PV)
Figure 6-17. Idle Channel Noise (A-Weighted) vs
VBAT
PVDD Supply (V)
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
14
15
16
17
18
19
20
21
22
23
24
D016
Figure 6-18. Idle Channel Noise (A-Weighted) vs
PVDD
Frequency (Hz)
20
100
1000
10000
30000
30000
8
8.2
8.4
8.6
8.8
9
9.2
D017
RL = 8 Ω + 30 µH
FS = 48 kHz
Figure 6-19. Amplitude vs Frequency
THD+N (%)
0.1
1
10
6
7
8
9
10
11
12
13
D018
PVDD=8.4V
PVDD=12.6V
RL = 4 Ω + 30 µH
Figure 6-20. Max Output Power vs THD+N
THD+N (%)
0.1
1
10
3.5
4
4.5
5
5.5
6
6.5
D019
PVDD=8.4V
PVDD=12.6V
RL = 8 Ω + 30 µH
Figure 6-21. Max Output Power vs THD+N
Pout (W)
0.0005
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D020
VBAT=3.1V
VBAT=3.6V
VBAT=4.2V
VBAT=5.5V
RL = 4 Ω + 30 µH
FIN = 1 kHz
Figure 6-22. Efficiency vs Output Power
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com