Electronic Components Datasheet Search
  English  ▼

X  

TAS2563 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS2563 Datasheet HTML 2Page - Texas Instruments TAS2563 Datasheet HTML 3Page - Texas Instruments TAS2563 Datasheet HTML 4Page - Texas Instruments TAS2563 Datasheet HTML 5Page - Texas Instruments TAS2563 Datasheet HTML 6Page - Texas Instruments TAS2563 Datasheet HTML 7Page - Texas Instruments TAS2563 Datasheet HTML 8Page - Texas Instruments TAS2563 Datasheet HTML 9Page - Texas Instruments TAS2563 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 127 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
IO Supply IOVDD
IOVDD
-0.3
3.9
V
Analog Voltage
VDD
–0.3
2
V
Battery Supply Voltage
VBAT
–0.3
6
V
Boost Pin
VBST
-0.3
18.5
V
Power Supply Voltage
PVDD(3)
-0.3
18.5
V
Switching Pin
SW
-0.7
16
V
High Side Regulator Pin GREG
-0.3
PVDD+6
V
Digital Regular Pin
DREG
-0.3
1.65
V
Input voltage(2)
Digital IOs referenced to VDD supply
–0.3
VDD+0.3
V
Operating free-air temperature, TA
–40
85
°C
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Procedures. Exposure to absolute-maximum-rated conditions for extended periods can affect device
reliability.
(2)
All digital inputs and IOs are failsafe.
(3)
PVDD can handle 19V transients for less than 10ns
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 OUT_N /
OUT_P / VSNS_N / VSNS_P Pins(1)
±3000
V
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
IOVDD
IO Supplly Voltage 1.8V
1.62
1.8
1.98
V
IOVDD
IO Supply Voltage 3.3V
3
3.3
3.6
V
VBAT
Supply voltage
2.5
3.6
5.5
V
VDD
Supply voltage
1.62
1.8
1.95
V
PVDDDSBGA (VBST)
Supply voltage - external boost mode (DSBGA
package)
VBAT
16
V
PVDDQFN (VBST)
Supply voltage - external boost mode (QFN package)
VBAT
13
V
VIH
High-level digital input voltage
0.7 x IOVDD
V
VIL
Low-level digital input voltage
0
V
RSPK
Minimum speaker impedance
3.2
Ω
LSPK
Minimum speaker inductance
10
µH
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com