Electronic Components Datasheet Search
  English  ▼

X  

TAS2563 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS2563 Datasheet HTML 25Page - Texas Instruments TAS2563 Datasheet HTML 26Page - Texas Instruments TAS2563 Datasheet HTML 27Page - Texas Instruments TAS2563 Datasheet HTML 28Page - Texas Instruments TAS2563 Datasheet HTML 29Page - Texas Instruments TAS2563 Datasheet HTML 30Page - Texas Instruments TAS2563 Datasheet HTML 31Page - Texas Instruments TAS2563 Datasheet HTML 32Page - Texas Instruments TAS2563 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 127 page
background image
Table 8-1. I2C Global Address Enable (continued)
I2C_GBL_EN
SETTING
1
Enabled (default)
Table 8-2. I2C Global Address Detection
I2C_AD_DET
SETTING
0
normal (default)
1
Re-detect
8.3.3 General I2C Operation
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits in a
system using serial data transmission. The address and data 8-bit bytes are transferred most-significant bit
(MSB) first. In addition, each byte transferred on the bus is acknowledged by the receiving device with an
acknowledge bit. Each transfer operation begins with the master device driving a start condition on the bus and
ends with the master device driving a stop condition on the bus. The bus uses transitions on the data terminal
(SDA) while the clock is at logic high to indicate start and stop conditions. A high-to-low transition on SDA
indicates a start, and a low-to-high transition indicates a stop. Normal data-bit transitions must occur within the
low time of the clock period. shows a typical sequence.
To configure the TAS2563 for I2C operation set the SPII2CZ_MISO pin to ground. The I2C address can then be
set using pins ADDR_SPICLK according to Table 8-3. The pin configures the two LSB bits of the following 7-bit
binary address A6-A0 of 10011xx. This permits the I2C address of TAS2563 to be 0x4C(7-bit) through 0x4F(7-
bit). For example, if ADDR_SPICLK is connected to ground the I2C address for the TAS2563 would be 0x4C(7-
bit). This is equivalent to 0x98 (8-bit) for writing and 0x99 (8-bit) for reading. The ADDR_SPICLK should be only
pulled high to the IOVDD pin voltage.
Table 8-3. I2C Mode Address Selection
I2C SLAVE ADDRESS
ADDR_SPICLK PIN
0x48 (global address)
NA
0x4C
GND
0x4D
10k to GND
0x4E
10k to VDD
0x4F
VDD
The master generates the 7-bit slave address and the read/write (R/W) bit to open communication with another
device and then waits for an acknowledge condition. The device holds SDA low during the acknowledge clock
period to indicate acknowledgment. When this occurs, the master transmits the next byte of the sequence. Each
device is addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share the
same signals via a bi-directional bus using a wired-AND connection.
Use external pull-up resistors for the SDA and SCL signals to set the logic-high level for the bus. Pull Up
Resistor can be calculated as per the table below. For Capacitive Loads different from mentioned below in table,
use interpolated values.
Do not allow the SDA and SCL voltages to exceed the device supply voltage, IOVDD. The I2C pins are fault
tolerant and will not load the I2C bus when the device is powered down.
www.ti.com
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com