Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS2764 Datasheet HTML 35Page - Texas Instruments TAS2764 Datasheet HTML 36Page - Texas Instruments TAS2764 Datasheet HTML 37Page - Texas Instruments TAS2764 Datasheet HTML 38Page - Texas Instruments TAS2764 Datasheet HTML 39Page - Texas Instruments TAS2764 Datasheet HTML 40Page - Texas Instruments TAS2764 Datasheet HTML 41Page - Texas Instruments TAS2764 Datasheet HTML 42Page - Texas Instruments TAS2764 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
Table 8-13. Misc Configuration 1 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
OCE_RETRY
RW
0h
Retry after over current event.
0b = Disabled
1b = Enabled, retry after timer.
4
OTE_RETRY
RW
0h
Retry after over temperature event.
0b = Disabled
1b = Enabled, retry after timer.
3
PFFB_EN
RW
0h
Post-Filter Feedback is
0b = Disabled (uses OUT)
1b = Enable (uses VSNS)
2
SMODE_EN
RW
0h
When safe mode is enabled adds 18dB attenuation on channel
gain. Safe mode is
0b = Disable
1b = Enable
1-0
Reserved
R
0h
Reserved
8.9.12 MISC_CFG2 (page=0x00 address=0x07) [reset=20h]
Sets shutdown, DVC ramp rate and I2C options.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-14. Misc Configuration 2 Field Descriptions
Bit
Field
Type
Reset
Description
7-6
SDZ_MODE[1:0]
RW
0h
SDZ Mode configuration.
00b = Shutdown after timeout
01b = Immediate forced shutdown
10b = Reserved
11b = Reserved
5-4
SDZ_TIMEOUT[1:0]
RW
2h
SDZ Timeout value
00b = 2 ms
01b = 4 ms
10b = 6 ms
11b = 23.8 ms
3-2
DVC_RAMP_RATE[1:0]
RW
0h
Digital volume control ramp rate for low to high ramp
00b = 0.5 dB per 1 sample
01b = 0.5 dB per 4 samples
10b = 0.5 dB per 8 samples
11b = Volume ramping disabled
1
I2C_GBL_EN
RW
0h
I2c global address is
0b = disabled
1b = enabled
0
I2C_AD_DET
RW
0h
Re-detect I2C slave address (self clearing bit).
0b = normal
1b = Re-detect address
8.9.13 TDM_CFG0 (page=0x00 address=0x08) [reset=09h]
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-15. TDM Configuration 0 Field Descriptions
Bit
Field
Type
Reset
Description
7
AMP_INV
RW
0h
Invert audio amplifier ouput
0b = Normal
1b = Invert
6
CLASSD_SYNC
*When Spread Spectrum and Sync
Mode are both enabled, Sync Mode
takes priority
RW
0h
Class-D synchronization mode.
0b = Not synchronized to audio clocks
1b = Synchronized to audio clocks
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com