Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 3 Page - Texas Instruments

  TAS2764 Datasheet HTML 1Page - Texas Instruments TAS2764 Datasheet HTML 2Page - Texas Instruments TAS2764 Datasheet HTML 3Page - Texas Instruments TAS2764 Datasheet HTML 4Page - Texas Instruments TAS2764 Datasheet HTML 5Page - Texas Instruments TAS2764 Datasheet HTML 6Page - Texas Instruments TAS2764 Datasheet HTML 7Page - Texas Instruments TAS2764 Datasheet HTML 8Page - Texas Instruments TAS2764 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
A
B
C
D
E
Not to scale
F
VSNS_N
BST_N
OUT_P
PGND
OUT_N
VSNS_P
BST_P
OUT_P
PGND
OUT_N
GND
DREG
PVDD_SNS
PVDD
PVDD
SBCLK
SDIN
IRQZ
GND
AVDD
SDA
SCL
IOVDD
SDZ
ICC
SDOUT
FSYNC
BYP_EN
ADDR
VBAT1S
Figure 5-1. YBH Package 30-Ball DSBGA Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADDR
D4
I
Address detect pin. Resistor value at this pin selects the I2C address. See Device Address
Selection section. Minimize capacitive loading on this pin and do not connect to any other
load.
AVDD
E5
P
Analog power input. Connect to 1.8V supply and decouple to GND with cap.
BST_N
A2
P
Class-D negative bootstrap. Connect a capacitor between BST_N and OUT_N.
BST_P
B2
P
Class-D positive bootstrap. Connect a capacitor between BST_P and OUT_P.
DREG
C2
P
Digital core voltage regulator output. Bypass to GND with a capacitor. Do not connect to
external load.
FSYNC
D2
I
TDM Frame Sync.
GND
E4
P
Analog ground. Connect to PCB ground plane.
C1
ICC
F5
IO
Interchip communication pin used to transmit gain alignment.
IOVDD
F3
P
Digital IO Supply. Connect to 1.2V or 1.8 V IO supply and decouple with a capacitor to GND.
IRQZ
E3
O
Open drain, active low interrupt pin. Pull up to IOVDD with resistor if optional internal pull up
is not used.
BYP_EN
D3
O
Low voltage signaling pin with open drain output.
OUT_N
B5
O
Class-D negative output.
A5
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com