Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 1 Page - Texas Instruments

  TAS2764 Datasheet HTML 1Page - Texas Instruments TAS2764 Datasheet HTML 2Page - Texas Instruments TAS2764 Datasheet HTML 3Page - Texas Instruments TAS2764 Datasheet HTML 4Page - Texas Instruments TAS2764 Datasheet HTML 5Page - Texas Instruments TAS2764 Datasheet HTML 6Page - Texas Instruments TAS2764 Datasheet HTML 7Page - Texas Instruments TAS2764 Datasheet HTML 8Page - Texas Instruments TAS2764 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
1 Features
• Key Features
– Y-Bridge Power Architecture
– Edge and Spread Spectrum Control
– Full Scale Ultrasonic Output to 40 kHz
• Output Power (1 % THD+N)
– 13 W (4 Ω, 12 V)
– 8 W (8 Ω, 12 V)
• Power Consumption (1 % THD+N, 4 Ω, 12 V)
– 81% Efficient at 1W
– 85% Efficient at 13W
– 3mA in Noise Gate Mode
– <1uA in Hardware Shutdown Mode
• Power Supplies and Management
– PVDD: 2.3 V to 16 V
– VBAT1S: 2.3 V to 5.5 V
– AVDD: 1.8 V
– IOVDD: 1.2 V/ 1.8 V
– Brownout Protection
– PVDD Tracking Peak Voltage Limiter
• Interfaces and Control
– SDOUT and I2S Feedback for Echo
Cancellation
– I2S/TDM: 8 Channels of 32-bit up to 96 kHz
– I2C: 8 addresses with Fast Mode Plus Support
– 44.1 kHz to 96 kHz Sample Rates
– Inter Chip Communication Bus
• Integrated Speaker Management and Protection
– Speaker Voltage and Current Sense
– Short and Open Detection
– Thermal and Over Current Protection
– Over Power Protection
2 Applications
• Laptop Computers
• Tablets
• Bluetooth Speakers
• Soundbars
• Consumer Audio Devices
3 Description
The TAS2764 is a mono digital input Class-D audio
amplifier optimized for efficiently driving high peak
power into small loudspeakers. The Class-D amplifier
is capable of delivering 13 W of continuous power into
a 4 Ω load with less than 1 % THD+N at a supply
voltage of 12 V.
Y-Brige architecture improves overall efficiency at low
level of output power and in idle mode.
Integrated speaker voltage and current sense
provides for real time monitoring of loudspeaker
behavior. A supply tracking peak voltage limiter
optimizes amplifier headroom. Brownout prevention
scheme with multiple thresholds allows reducing the
gain in signal path when the supply drops.
Up to eight TAS2764 devices can share a common
bus via I2S/TDM and I2C interfaces.
The device is available in a 30-ball, 0.4 mm pitch CSP
for a compact PCB footprint.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS2764
DSBGA
2.15 mm x 2.56 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
SDOUT
FSYNC
SBCLK
OUT_P
OUT_N
Class-D
Amplifier
with
IV-Sense
1.8V/1.2V
SDZ
DAC
System
Interface
+
Limiter
+
BOP
2.3-16V
SAR
ADC
TMP SNS
PLL
Address Det
Diagnostics
SDIN
IV-SNS
ADCs
SDA
SCL
IRQZ
VSNS_P
VSNS_N
BST_P
BST_N
ADDR
ICC
BYP_EN
fb
fb
VREG
1.8V
2.3-5.5V
Pop/Click
Over Current
Over Temp
Protection
Schematic
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TAS2764
TAS2764
SLOS998 – DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TAS2764

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAS276K006P1C CDE-TAS276K006P1C Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS276K010P1C CDE-TAS276K010P1C Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS276K015P1F CDE-TAS276K015P1F Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS276K020P1F CDE-TAS276K020P1F Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS276K035P1G CDE-TAS276K035P1G Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results

Similar Description - TAS2764

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
TAS2560 TI1-TAS2560 Datasheet
1Mb / 80P
5.6-W Class-D Mono Audio Amplifier with IV Sense
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
logo
Texas Instruments
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com