Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS2764 Datasheet HTML 24Page - Texas Instruments TAS2764 Datasheet HTML 25Page - Texas Instruments TAS2764 Datasheet HTML 26Page - Texas Instruments TAS2764 Datasheet HTML 27Page - Texas Instruments TAS2764 Datasheet HTML 28Page - Texas Instruments TAS2764 Datasheet HTML 29Page - Texas Instruments TAS2764 Datasheet HTML 30Page - Texas Instruments TAS2764 Datasheet HTML 31Page - Texas Instruments TAS2764 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
8.4.7 Thermal Foldback
The TAS2764 monitors the die temperature and can automatically limit the audio signal when the die
temperature reaches a set threshold. It is recommended to use the thermal fold-back registers to configure this
protection mechanism as the software will perform the necessary math for each register.
Thermal fold-back can be disabled using TFB_EN register bit. If the die temperature reaches the value set by
TF_TEMP_TH[31:0] register bits this feature will begin to attenuate the audio signal to prevent the device from
shutting down due to over-temperature. It will attenuate the audio signal by a value set in TF_LIMS[31:0] register
bits over a range of temperature set by TF_TEMP_TH[31:0] register bits. The thermal fold-back attack is at a
fixed rate of 0.25dB per sample. A maximum attenuation can be specified using register bits
TF_MAX_ATTN[31:0]. However, if the device continue to heat up, eventually the device over-temperature will be
triggered. The attenuation will be held for a number of samples set by register bits TF_HOLD_CNT[31:0], before
the attenuation will begin releasing.
8.4.8 Over Power Protection
The TAS2764 monitors the temperature of the internal power FETs. If the maximum continue power is high and
power FETs temperature goes up above a threshold, an inbuilt protection circuit will shutdown the device.
8.4.9 Clocks and PLL
The device clocking is derived from the SBCLK input clock. The tables below show the valid SBCLK clock
frequencies for each sample rate and SBCLK to FSYNC ratio (for 44.1 kHz and 48 kHz family frequencies).
If the sample rate is properly configured via the SAMP_RATE[2:0] register bits, no additional configuration is
required as long as the SBCLK to FSYNC ratio is valid. The device will detect improper SBCLK frequencies and
SBCLK to FSYNC ratios and volume ramp down the playback path to minimize audible artifacts. After the clock
error is detected, the device will enter a low power halt mode after a time set by CLK_HALT_TIMER[2:0] register
bits if CLK_HALT_EN bit is high. Additionally, the device can automatically power up and down on valid clock
signals if CLK_ERR_PWR_EN register bit is set to high. The device sampling rate should not be changed while
this feature is enabled. In this mode the CLK_HALT_EN bit register should be set high in order for this feature to
work properly.
Table 8-3. Supported SBCLK Frequencies (48 kHz based sample rates)
Sample Rate
(kHz)
SBCLK to FSYNC Ratio
16
24
32
48
64
96
125
48 kHz
768 kHz
1.152 MHz
1.536 MHz
2.304 MHz
3.072 MHz
4.608 MHz
6 MHz
96 kHz
1.536 MHz
2.304 MHz
3.072 MHz
4.608 MHz
6.144 MHz
9.216 MHz
12 MHz
Sample Rate
(kHz)
SBCLK to FSYNC Ratio
128
192
250
256
384
500
512
48 kHz
6.144 MHz
9.216 MHz
12 MHz
12.288 MHz
18.432 MHz
24 MHz
24.576 MHz
96 kHz
12.288 MHz
18.432 MHz
24 MHz
24.576 MHz
-
-
-
Table 8-4. Supported SBCLK Frequencies (44.1 kHz based sample rates)
Sample Rate
(kHz)
SBCLK to FSYNC Ratio
16
24
32
48
64
96
125
44.1 kHz
705.6 kHz
1.0584 MHz
1.4112 MHz
2.1168 MHz
2.8224 MHz
4.2336 MHz
5.5125 MHz
88.2 kHz
1.4112 MHz
2.1168 MHz
2.8224 MHz
4.2336 MHz
5.6448 MHz
8.4672 MHz
11.025 MHz
Sample Rate
(kHz)
SBCLK to FSYNC Ratio
128
192
250
256
384
500
512
44.1 kHz
5.6448 MHz
8.4672 MHz
11.025 MHz
11.2896 MHz
16.9344 MHz
22.05 MHz
22.5792 MHz
88.2 kHz
11.2896 MHz
16.9344 MHz
22.05 MHz
22.5792 MHz
-
-
-
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com