Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS2764 Datasheet HTML 45Page - Texas Instruments TAS2764 Datasheet HTML 46Page - Texas Instruments TAS2764 Datasheet HTML 47Page - Texas Instruments TAS2764 Datasheet HTML 48Page - Texas Instruments TAS2764 Datasheet HTML 49Page - Texas Instruments TAS2764 Datasheet HTML 50Page - Texas Instruments TAS2764 Datasheet HTML 51Page - Texas Instruments TAS2764 Datasheet HTML 52Page - Texas Instruments TAS2764 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
Table 8-37. Brownout Prevention 1 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
6-0
DEV_MAX_ATTEN[6:0]
RW
32h
Device maximum attenuation of limiter and BOP combined.
00h = 0 dB
01h= -1 dB
02h = -2 dB
03h = -3 dB
..
2Fh = -47 dB
30h-7Fh = Reserved
8.9.36 BOP_CFG2 (page=0x00 address=0x1F) [reset=02h]
BOP level 3 dwell time and attack step size.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-38. Brownout Prevention 2 Field Descriptions
Bit
Field
Type
Reset
Description
7-5
BOP_DT3[2:0]
RW
0h
BOP level 3 dwell time
0h= 0 us
1h = 100 us
2h = 250 us
3h = 500 us
4h = 1000 us
5h = 2000 us
6h = 4000 us
7h = 8000 us
4-1
BOP_ATK_ST3[3:0]
RW
1h
BOP level 3 attack step size
0h = -0.0625 dB
1h = -0.5 dB
2h = -0.8958 dB
3h = -1.2916 dB
4h = -1.6874 dB
5h = -2.0832 dB
6h = -2.479 dB
7h = -2.8748 dB
8h = -3.2706 dB
9h = -3.6664 dB
Ah =-4.0622 dB
Bh = -4.458 dB
Ch = -4.8538 dB
Dh = -5.2496 dB
Eh = -5.6454 dB
Fh = -6dB
0
Reserved
R
0h
Reserved
8.9.37 BOP_CFG3 (page=0x00 address=0x20) [reset=06h]
BOP level 3 attack and release.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-39. Brownout Prevention 3 Field Descriptions
Bit
Field
Type
Reset
Description
7-5
BOP_ATK_RT3[2:0]
RW
0h
BOP level 3 attack rate.
0h= 2.5 us
1h = 5 us
2h = 10 us
3h = 25 us
4h = 50 us
5h = 100 us
6h = 250 us
7h = 500 us
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com