Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS2764 Datasheet HTML 23Page - Texas Instruments TAS2764 Datasheet HTML 24Page - Texas Instruments TAS2764 Datasheet HTML 25Page - Texas Instruments TAS2764 Datasheet HTML 26Page - Texas Instruments TAS2764 Datasheet HTML 27Page - Texas Instruments TAS2764 Datasheet HTML 28Page - Texas Instruments TAS2764 Datasheet HTML 29Page - Texas Instruments TAS2764 Datasheet HTML 30Page - Texas Instruments TAS2764 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 107 page
background image
8.4.3 SAR ADC
An ADC monitors PVDD voltage, VBAT1S voltage and die temperature. The results of these conversions are
available via register readback (PVDD_CNV, VBAT1S_CNV and TMP_CNV register). PVDD and VBAT1S
voltage conversions are also used by the limiter and brown out prevention blocks.
The ADC runs at a fixed 667 kHz sample rate (1.5 µs per conversion) interleaved between PVDD voltage and
die temperature measurements. This gives an effective sample rate of 333 kHz (3 µs per conversion) with a
latency of 1 sample (1.5 µs). It results in a worst case measurement latency of 4.5 µs. Actual PVDD and
VBAT1S voltages are calculated by dividing the PVDD_CNV[11:0] and VBAT1S_CNV[11:0] decimal values of
register bits by 128. The die temperature is calculated by subtracting 93 from the decimal value of
TMP_CNV[7:0] register bits. The supply voltages PVDD and VBAT1S can be filtered using the proper setting of
the SAR_FLT[1:0] register bits but will increase measurement latency. The register bits content should always be
read from MSB to LSB.
8.4.4 Current and Voltage (IV) Sense
The TAS2764 provides speaker voltage and current sense measurements for real time monitoring of
loudspeaker behavior. The VSNS_P and VSNS_N pins should be connected after any ferrite bead filter (or
directly to the OUT_P and OUT_N connections if no EMI filter is used). The V-Sense connections eliminate
voltage drop error due to packaging, PCB interconnect or ferrite bead filter resistance. The V-sense connections
are also used for Section 8.4.5 to correct for any voltage drop induced gain error or non-linearity due to the
ferrite bead. It should be noted that any interconnect resistance after the VSNS terminals will not be corrected
for, so it is advised to connect the sense connections as close to the load as possible.
The voltage and current sense ADCs have a DC blocking filter. This filter can be disabled using the
HPF_FREQ_REC[2:0] register bits.
I-Sense and V-Sense can be powered down by asserting the ISNS_PD and VSNS_PD register bits respectively.
When powered down, the device will return null samples for the powered down block.
8.4.5 Post Filter Feed-Back (PFFB)
The device support post-filter feedback by closing the amplifier feedback loop after the external filter. The
feedback is applied using the VSNS_N and VSNS_P terminals of the device. This feature can be disabled using
the PFFB_EN register bit (if an external filter that violates the amplifier loop stability is implemented). When
PFFB is disabled, the feedback will be internally routed from the OUT_N and OUT_P pins of the device.
In the PFFB mode of operation the following conditions have to be met: ω0>10MHz and ω0/Q>2.5MHz (ω0 and
Q are the cutoff frequency and the quality factor of the external filter).
When using PFFB with external LC filtering overshoot might occur at the speaker terminals. It is recommended
to connect resistors (see Section 9.2) between speaker terninals and VSNS pins to protect internal diodes. As an
example,1 kΩ resistors will reduce the amplifier gain by 0.6% (the external resistors will appear in parallel with
the internal 10 kΩ resistors between OUT and VSNS pins).
8.4.6 Load Diagnostics
The TAS2764 can check the speaker terminal for an open or short. This can be used to verify the continuity of
the speaker or the traces to the speaker. The entire operation is performed by the TAS2764 and result is
reported using the IRQZ pin or by reading over I2C bus on completion. The load diagnostics can be performed
using external audio clock (register bit LDG_CLK=0) or the internal oscillator (LDG_CLK=1).
The speaker open (UT) and short (LT) thresholds are configured using the respective LDG_RES_UT[31:0] and
LDG_RES_LT[31:0] register bits. The diagnostic is run by selecting one of the load diagnostic modes set by
MODE[2:0] register bits. The load diagnostic can be run before transitioning to active mode or stand-alone
returning to software shutdown when complete. When the load diagnostics is run it will play a 22kHz at -35dBFS
for 100ms and measure the resistance of the speaker trace. The result is averaged over the time specified by
the LDG_AVG[1:0] register bits. The measured speaker impedance can be read from LDS_RES_VAL[31:0]
register bits.
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com