Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TAS2764 Datasheet HTML 81Page - Texas Instruments TAS2764 Datasheet HTML 82Page - Texas Instruments TAS2764 Datasheet HTML 83Page - Texas Instruments TAS2764 Datasheet HTML 84Page - Texas Instruments TAS2764 Datasheet HTML 85Page - Texas Instruments TAS2764 Datasheet HTML 86Page - Texas Instruments TAS2764 Datasheet HTML 87Page - Texas Instruments TAS2764 Datasheet HTML 88Page - Texas Instruments TAS2764 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
Table 8-151. TFB Temp TH Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TF_TEMP_TH[7:0]
RW
00h
dec2hex{256*round[TF_TEMP*(2^15)]}
8.9.150 TF_MAX_ATTN1 (page=0x04 address=0x2C) [reset=2Dh]
Thermal fold-back maximum gain reduction set to TF_ATTN (dB) value.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-152. TFB Gain Reduction Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TF_MAX_ATTN[31:24]
RW
2Dh
dec2hex{256*round[10^(-TF_ATTN/20)*2^ 23]}
8.9.151 TF_MAX_ATTN2 (page=0x04 address=0x2D) [reset=6Ah]
Thermal fold-back maximum gain reduction set to TF_ATTN (dB) value.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-153. TFB Gain Reduction Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TF_MAX_ATTN(23:16]
RW
6Ah
dec2hex{256*round[10^(-TF_ATTN/20)*2^ 23]}
8.9.152 TF_MAX_ATTN3 (page=0x04 address=0x2E) [reset=86h]
Thermal fold-back maximum gain reduction set to TF_ATTN (dB) value.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-154. TFB Gain Reduction Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TF_MAX_ATTN[15:7]
RW
86h
dec2hex{256*round[10^(-TF_ATTN/20)*2^ 23]}
8.9.153 TF_MAX_ATTN4 (page=0x04 address=0x2F) [reset=00h]
Thermal fold-back maximum gain reduction set to TF_ATTN (dB) value.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-155. TFB Gain Reduction Bits Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TF_MAX_ATTN[7:0]
RW
0h
dec2hex{256*round[10^(-TF_ATTN/20)*2^ 23]}
8.9.154 LD_CFG0 (page=0x04 address=0x40) [reset=02h]
Load diagnostic resistance upper threshold value set to LDG_RES_UT (Ω).
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-156. Load Diagnostics Resistance Upper Threshold Field Descriptions
Bit
Field
Type
Reset
Description
7-0
LDG_RES_UT[31:24]
RW
02h
dec2hex {256*round[LDG_RES_UT*0.2678*2^13]}
8.9.155 LD_CFG1 (page=0x04 address=0x41) [reset=ADh]
Load diagnostic resistance upper threshold value set to LDG_RES_UT (Ω).
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com