Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TAS2764 Datasheet HTML 80Page - Texas Instruments TAS2764 Datasheet HTML 81Page - Texas Instruments TAS2764 Datasheet HTML 82Page - Texas Instruments TAS2764 Datasheet HTML 83Page - Texas Instruments TAS2764 Datasheet HTML 84Page - Texas Instruments TAS2764 Datasheet HTML 85Page - Texas Instruments TAS2764 Datasheet HTML 86Page - Texas Instruments TAS2764 Datasheet HTML 87Page - Texas Instruments TAS2764 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 107 page
background image
8.9.144 TF_SLOPE3 (page=0x04 address=0x26) [reset=89h]
Thermal fold-back limiter attenuation slope set to a value TF_SLOPE (V/0C).
Input level is assumed 0dB and gain is 21dB. Extra 3dB (from 24dB) is due to rms to peak conversion.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-146. TFB Limiter Slope Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TF_LIMS[15:8]
RW
89h
dec2hex {256*round[TF_SLOPE/10^(24/20)]*2^23}
8.9.145 TF_SLOPE4 (page=0x04 address=0x27) [reset=00h]
Thermal fold-back limiter attenuation slope set to a value TF_SLOPE (V/0C).
Input level is assumed 0dB and gain is 21dB. Extra 3dB (from 24dB) is due to rms to peak conversion.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-147. TFB Limiter Slope Bits Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TF_LIMS[7:0]
RW
0h
dec2hex {256*round[TF_SLOPE/10^(24/20)]*2^23}
8.9.146 TF_TEMP_TH1 (page=0x04 address=0x28) [reset=39h]
Thermal fold-back temperature threshold set to TF_TEMP (0C) value.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-148. TFB Temp TH Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TF_TEMP_TH[31:24]
RW
39h
dec2hex{256*round[TF_TEMP*(2^15)]}
8.9.147 TF_TEMP_TH2 (page=0x04 address=0x29) [reset=80h]
Thermal fold-back temperature threshold set to TF_TEMP (0C) value.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-149. TFB Temp TH Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TF_TEMP_TH[23:16]
RW
80h
dec2hex{256*round[TF_TEMP*(2^15)]}
8.9.148 TF_TEMP_TH3 (page=0x04 address=0x2A) [reset=00h]
Thermal fold-back temperature threshold set to TF_TEMP (0C) value.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-150. TFB Temp TH Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TF_TEMP_TH[15:8]
RW
00h
dec2hex{256*round[TF_TEMP*(2^15)]}
8.9.149 TF_TEMP_TH4 (page=0x04 address=0x2B) [reset=00h]
Thermal fold-back temperature threshold set to TF_TEMP (0C) value.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
84
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com