Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS2764 Datasheet HTML 13Page - Texas Instruments TAS2764 Datasheet HTML 14Page - Texas Instruments TAS2764 Datasheet HTML 15Page - Texas Instruments TAS2764 Datasheet HTML 16Page - Texas Instruments TAS2764 Datasheet HTML 17Page - Texas Instruments TAS2764 Datasheet HTML 18Page - Texas Instruments TAS2764 Datasheet HTML 19Page - Texas Instruments TAS2764 Datasheet HTML 20Page - Texas Instruments TAS2764 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 107 page
background image
Table 8-2. I2C Address Selection
I2C SLAVE ADDRESS
ADDR PIN
0x70
Short to GND
0x72
470 Ω to GND
0x74
470 Ω to AVDD
0x76
2.2k Ω to GND
0x78
2.2k Ω to AVDD
0x7A
10 kΩ to GND
0x7C
10 kΩ to AVDD
0x7E
Short to AVDD
The TAS2764 has a global 7-bit I2C address 0x80. When enabled, the device will additionally respond to I2C
commands at this address regardless of the ADDR pin settings. This is used to speed up device configuration
when using multiple TAS2764 devices and programming similar settings across all devices. The I2C ACK /
NACK cannot be used during the multi-device writes since multiple devices are responding to the I2C command.
The I2C CRC function should be used to ensure each device properly received the I2C commands. At the
completion of writing multiple devices using the global address, the CRC at I2C_CKSUM register should be
checked on each device using the local address for a proper value. The global I2C address can be disabled
using I2C_GBL_EN register bit. The I2C address is detected by sampling the ADDR pin when SDZ pin is
released. Additionally, the address may be re-detected by setting I2C_AD_DET register bit high after power up
and the ADDR pin will be re-sampled.
8.3.2 General I2C Operation
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits in a
system using serial data transmission. The address and data 8-bit bytes are transferred most-significant bit
(MSB) first. In addition, each byte transferred on the bus is acknowledged by the receiving device with an
acknowledge bit. Each transfer operation begins with the master device driving a start condition on the bus and
ends with the master device driving a stop condition on the bus. The bus uses transitions on the data terminal
(SDA) while the clock is at logic high to indicate start and stop conditions. A high-to-low transition on SDA
indicates a start, and a low-to-high transition indicates a stop. Normal data-bit transitions must occur within the
low time of the clock period.
The master generates the 7-bit slave address and the read/write (R/W) bit to open communication with another
device and then waits for an acknowledge condition. The device holds SDA low during the acknowledge clock
period to indicate acknowledgment. When this occurs, the master transmits the next byte of the sequence. Each
device is addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share the
same signals via a bi-directional bus using a wired-AND connection.
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com