Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS2764 Datasheet HTML 38Page - Texas Instruments TAS2764 Datasheet HTML 39Page - Texas Instruments TAS2764 Datasheet HTML 40Page - Texas Instruments TAS2764 Datasheet HTML 41Page - Texas Instruments TAS2764 Datasheet HTML 42Page - Texas Instruments TAS2764 Datasheet HTML 43Page - Texas Instruments TAS2764 Datasheet HTML 44Page - Texas Instruments TAS2764 Datasheet HTML 45Page - Texas Instruments TAS2764 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
Table 8-20. TDM Configuration 4 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
TX_EDGE
RW
1h
TDM TX launch clock polarity.
0b = Rising edge of SBCLK
1b = Falling edge of SBCLK
8.9.19 TDM_CFG5 (page=0x00 address=0x0E) [reset=42h]
Sets TDM TX V-Sense time slot and enable.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-21. TDM Configuration 5 Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
VSNS_TX
RW
1h
TDM TX voltage sense transmit
0b = Disabled
1b = Enabled
5-0
VSNS_SLOT[5:0]
RW
2h
TDM TX voltage sense time slot.
8.9.20 TDM_CFG6 (page=0x00 address=0x0F) [reset=40h]
Sets TDM TX I-Sense time slot and enable.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-22. TDM Configuration 6 Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
6
ISNS_TX
RW
1h
TDM TX current sense transmit
0b = Disabled
1b = Enabled
5-0
ISNS_SLOT[5:0]
RW
0h
TDM TX current sense time slot.
8.9.21 TDM_CFG7 (page=0x00 address=0x10) [reset=04h]
Sets TDM TX VBAT1S time slot and enable.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-23. TDM Configuration 7 Field Descriptions
Bit
Field
Type
Reset
Description
7
VBAT1S_SLEN
RW
0h
TDM TX VBAT1S time slot length.
0b = Truncate to 8-bits
1b = Left justify to 16-bits
6
VBAT1S_TX
RW
0h
TDM TX VBAT1S transmit enable.
0b = Disabled
1b = Enabled
5-0
VBAT1S_SLOT[5:0]
RW
4h
TDM TX VBAT1S time slot.
8.9.22 TDM_CFG8 (page=0x00 address=0x11) [reset=05h]
Sets TDM TX TEMP time slot and enable.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-24. TDM Configuration 8 Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
R
0h
Reserved
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
42
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com