Electronic Components Datasheet Search
  English  ▼

X  

TAS2764 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2764
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS2764 Datasheet HTML 5Page - Texas Instruments TAS2764 Datasheet HTML 6Page - Texas Instruments TAS2764 Datasheet HTML 7Page - Texas Instruments TAS2764 Datasheet HTML 8Page - Texas Instruments TAS2764 Datasheet HTML 9Page - Texas Instruments TAS2764 Datasheet HTML 10Page - Texas Instruments TAS2764 Datasheet HTML 11Page - Texas Instruments TAS2764 Datasheet HTML 12Page - Texas Instruments TAS2764 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
TA = 25 °C, PVDD = 12 V, VBAT1S = 3.8 V, AVDD = 1.8V IOVDD =1.2 V, RL = 4Ω + 16µH, fin = 1 kHz, fs = 48 kHz, Gain = 21
dBV, SDZ = 1, EDGE_RATE[1:0]=00, NG_EN=0, EN_LLSR=1, PWR_MODE1, Measured filter free as in Section 7 (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Stop Band Attenuation
≥ 0.55 fs
60
dB
≥ 1 fs
65
Group Delay, Noise Gate enabled
DC to 0.375 fs for 96 kHz
39
1/fs
SPEAKER CURRENT SENSE
Resolution
16
bits
DNR
Dynamic Range
Un-Weighted, Relative to 0 dBFS
66
dB
THD+N
Total Harmonic Distortion and Noise
fin = 1 kHz, Pout = 7. 5W
-58
dB
Full Scale Input Current
-6dBFS Input Signal Level
3.75
A
Differential Mode Gain
Pout = 1W, using a 40Hz, -40dBFS pilot tone
0.98
1.02
Differential Mode Gain Variability
Pout = 100mW to 0.1% THD+N, using a 40Hz, -40dBFS pilot
tone
-2.5
1.5
%
Gain error over temperature
-20C to 70C, Pout=1W
-2.1
+2.1
%
Offset
HPF_FREQ_REC[2:0]=0h
-2
2
mA
Frequency Response
20Hz-20kHz
-0.1
0.1
dB
Group Delay
8
1/fs
Common Mode Rejection Ratio
Signal into 8 Ohms applied 2X the signal level at 4 Ohms.
Change seen in I-sense value between the two vs the
expected I-sense value in db scale.
80
dB
SPEAKER VOLTAGE SENSE
Resolution
16
bits
DNR
Dynamic Range
Un-Weighted, Relative 0 dBFS
-72
dB
THD+N
Total Harmonic Distortion and Noise
fin = 1 kHz, Pout = 7.5W
-60
dB
Full Scale Input Voltage
14
VPK
Differential Mode Gain
Pout = 1W, using a 40Hz - 40dBFS pilot tone
0.99
1.01
Differential Mode Gain Variability
Pout = 100mW to 0.1% THD+N, using a 40Hz, -40dBFS pilot
tone
-0.35
+0.35
%
Gain error over temperature
-20C to 70C, Pout=1W
-0.7
+0.7
%
Offset
HPF_FREQ_REC[2:0]=0h
-4.5
+4.5
mV
Frequency Response
20Hz - 20kHz
-0.1
0.1
dB
Group Delay
8
1/fs
SPEAKER VOLTAGE/CURRENT SENSE RATIO
Differential Mode Gain Variability
Pout = 50mW to 0.1% THD+N, using a 40Hz, -40dBFS pilot
tone
-1.5
3
%
Gain error over temperature
-20C to 70C, Pout=1W
-2.1
2.1
%
Phase Error between V and I
300
ns
PROTECTION CIRCUITRY
Brownout Prevention Latency to First
Attack
PWR_MODE2. Measured at BOP_TH0 of 8.25V.
BOP_SRC=1, CONV_VBAT_PVDD_MODE=1
15
µs
PWR_MODE2. Measured at BOP_TH0 of 8.25V.
BOP_SRC=1, CONV_VBAT_PVDD_MODE=0
15
Thermal Shutdown Temperature -
Typical values
130
140
150
°C
Thermal Shutdown Retry
OTE_RETRY=1
1.5
s
Output Short Current Limit on PVDD
Output to Output, Output to GND or Output to PVDD Short
5
5.8
A
Output Short Current Limit on
VBAT1S
Output to Output, Output to GND or Output to VBAT1S Short
1.45
2.2
A
VBAT1S Undervoltage Lockout
Threshold
UVLO is asserted
2
V
UVLO is de-asserted
2.3
AVDD Undervoltage Lockout
Threshold
UVLO is asserted
1.45
V
UVLO is de-asserted
1.6
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com