Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Using these expressions to generate a swept gain table of values results in Table 10-1, where the best standard
1% resistor values are shown to minimize input impedance and gain error to target.
Table 10-1. Swept Gain 50-Ω Input Match with RF = 1.5-kΩ (±1 Standard Values)
GAIN (V/V)
RF
RG1
RT
RG2
ZIN
AV
0.1
1500
15000
49.9
15000
49.74
0.09973
1
1500
1500
51.1
1500
49.82
0.994
2
1500
750
52.3
768
49.98
1.978
5
1500
287
54.9
316
49.6
5.014
10
1500
137
61.9
165
50.4
10.08
Where an input impedance match is not required, simply set the input resistor to obtain the desired gain without
an additional resistor to ground (remove RT in Figure 10-3). This scenario is common when coming from the
output of another single-ended op amp (such as the OPA810 or OPA192). This single-ended to differential stage
shows a higher input impedance than the physical RG as given by the expression for ZA (active input impedance)
shown as Equation 4.
§
·§
·
¨
¸¨
¸
©
¹©
¹
G1
F
G2
G1
A
G1
F
G2
R
R
1
1
R
R
Z
R
R
2
R
(4)
Using Equation 4 for the gain of 1 V/V with all resistors equal to 1.5-kΩ shows an input impedance of 2 kΩ. The
increased input impedance comes from the common-mode input voltage at the amplifier pins moving in the
same direction as the input signal. The common-mode input voltage must move to create the current in the non-
signal input RG resistor to produce the inverted output. The current flow into the signal-side input resistor is
impeded because the common-mode input voltage moves with the input signal, thus increasing the apparent
input impedance in the signal input path.
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com