Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments THS4521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
7.5 Electrical Characteristics: VS+ – VS– = 5 V to 12 V (continued)
at TA ≈ 25°C, VOCM(1) = midsupply, differential output (VO) = VOUT+ – VOUT– = 2 VPP, RF = 1.5 kΩ, RL = 1 kΩ, 50-Ω input
match, differential closed-loop gain (G) = 1 V/V, single-ended input (SE-in), differential output (diff-out), and input and output
referenced to midsupply for AC-coupled tests (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Specified operating voltage
2.85
12.6
V
IQ
Quiescent current
VS = 2.85 V, no load, TA = 25°C
710
760
810
µA
VS = 5 V, no load, TA = 25°C
725
775
825
VS = 5 V, no load,
TA = –40°C to 125°C
700
900
VS = 12 V, no load, TA = 25°C
770
825
880
VS = 12 V, no load,
TA = –40°C to 125°C
740
1000
Quiescent current drift
No load, TA = –40°C to 125°C
0.7
1.3
µA/°C
PSRR
Power-supply rejection ratio
Either supply to input VOS
92
110
dB
POWER DOWN
VEN
Enable voltage threshold
PD = VEN, guaranteed on above
VS+ – 1.2
VS+ – 0.5
V
VDIS
Disable voltage threshold
PD = VDIS, guaranteed off below
VS+ – 1.7
VS+ – 1.8
V
PD pin bias current
PD = VS+ – 0.5 V (amplifier enabled)
1.2
3.5
µA
PD pin bias current
PD = VS– (amplifier disabled)
–3
–1.9
µA
Peak PD pull-down bias current
Switch amplifier on to off
175
µA
Power-down quiescent current
No load
3
15
40
µA
Turnon time delay
Time from PD = high to VO = 90%
of final value
600
ns
Turnoff time delay
Time from PD = low to VO = 10%
of original value
1.5
µs
(1)
VOCM refers to the voltage at VOCM pin. VOCM = [(VOUT+ + VOUT–)/2] refers to the average output voltage.
(2)
Average of the rising and falling slew rate.
(3)
Current out of the node is considered positive.
(4)
IOS = IB+ – IB–.
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com