Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
10.1.2 Setting Resistor Values Versus Gain
The THS4561 offers considerable flexibility in the configuration and selection of resistor values. The design
starts with the selection of the feedback resistor value. The 1.5-kΩ feedback resistor value used for the
characterization curves is a good compromise between power, noise, and phase margin considerations. With the
feedback resistor values selected (and set equal on each side) the input resistors are set to obtain the desired
gain with input impedance also set with these input resistors. Differential I/O designs provide an input impedance
that is the sum of the two input resistors. Single-ended input to differential output designs present a more
complicated input impedance. Most characteristic curves implement the single-ended to differential design as the
more challenging requirement over differential-to-differential I/O.
For single-ended, matched, input impedance designs, Table 10-1 illustrates the suggested standard resistors set
to approximately a 1.5-kΩ feedback. This table assumes a 50-Ω source and a 50-Ω input match and uses a
single resistor on the non-signal input side for gain matching. Better matching is possible using the same three
resistors on the non-signal input side as on the input side. Figure 10-3 shows the element values and naming
convention for the gain of 1-V/V configuration where the gain is defined from the matched input at RT to the
differential output.
R
F1
1.5 k
R
L
1 k
R
G1
1.5 k
R
G2
1.52 k
R
T
52.3
THS4561 Wideband,
Fully Differential Amplifier
50-
Input Match,
Gain of 1 V/V from RT,
Single-Ended Source to
Differential Output
VOCM
R
F2
1.5 k
50-
Source
Impedance
+
±
V
S+
+
±
V
S+
FDA
PD
V
S±
V
O
R
S1
50
Figure 10-3. Single-Ended to Differential Gain of 1 V/V with Input Matching Using Standard Resistor
Values
Starting from a target feedback resistor value, the desired input matching impedance, and the target gain (AV),
the required input RT value is given by solving the quadratic of Equation 1.
(
)
(
)
§
·
¨
¸
©
¹
2
S
S
F
V
2
2
F
S
V
T
T
F
V
S
V
V
F
V
S
V
V
R
2R
2R
A
2R R
A
2
R
R
0
2R
2
A
R A
4
A
2R
2
A
R A
4
A
(1)
When this value is derived, the required input side gain resistor is given by Equation 2 and then the single value
for RG2 on the non-signal input side is given by Equation 3:
F
S
V
G1
S
T
R
2
R
A
R
R
1
R
(2)
F
V
G2
S
T
R
2
A
R
R
1
R
(3)
www.ti.com
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com