Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 35 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments THS4521 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
12 Layout
12.1 Layout Guidelines
12.1.1 Board Layout Recommendations
Similar to all high-speed devices, best system performance is achieved with close attention to board layout. The
provides a good example of high-frequency layout techniques as a reference. This EVM includes numerous
extra elements and features for characterization purposes that may not apply to some applications. General
high-speed signal path layout suggestions include:
• Continuous ground planes are preferred for signal routing with matched impedance traces for longer runs;
however, both ground and power planes must be opened up around the capacitive sensitive input and output
device pins. When the signal goes to a resistor, parasitic capacitance becomes more of a band-limiting issue
and less of a stability issue.
• Good high-frequency decoupling capacitors (0.1 µF) are required to a ground plane at the device power pins.
Additional higher-value capacitors (2.2 µF) are also required but can be placed further from the device power
pins and shared among devices. For best high-frequency decoupling, consider X2Y supply decoupling
capacitors that offer a much higher self-resonance frequency over standard capacitors.
• Differential signal routing over any appreciable distance must use microstrip layout techniques with matched
impedance traces.
• The input summing junctions are very sensitive to parasitic capacitance. Any RG elements must connect into
the summing junction with minimal trace length to the device pin side of the resistor. The other side of the RG
elements can have more trace length if needed to the source or to GND.
12.2 Layout Examples
R
F+
R
G±
R
G+
R
T±
VOCM
R
F±
+
±
V
S+
+
±
V
S+
FDA
PD
V
S±
R
T+
R
S+
R
O+
R
O±
C
L
C
BYP
C
BYP
V
IN
Figure 12-1. Representative Schematic for the Layout in
www.ti.com
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com