Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7.5 Electrical Characteristics: VS+ – VS– = 5 V to 12 V (continued)
at TA ≈ 25°C, VOCM(1) = midsupply, differential output (VO) = VOUT+ – VOUT– = 2 VPP, RF = 1.5 kΩ, RL = 1 kΩ, 50-Ω input
match, differential closed-loop gain (G) = 1 V/V, single-ended input (SE-in), differential output (diff-out), and input and output
referenced to midsupply for AC-coupled tests (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Output voltage range low
VS = 5 V
VS– + 0.13 VS– + 0.25
V
VS = 5 V, TA = –40°C to 125°C
VS– + 0.15
VS– + 0.3
VS = 5 V, RL = 10 kΩ
VS– + 0.07
VS = 12 V
VS– + 0.26
VS– + 0.4
Output voltage range high
VS = 5 V
VS+ – 0.25 VS+ – 0.16
V
VS = 5 V, TA = –40°C to 125°C
VS+ – 0.3 VS+ – 0.18
VS = 5 V, RL = 10 kΩ
VS+ – 0.09
VS = 12 V
VS+ – 0.35
VS+ – 0.2
Continuous output current
VO = ±3.6 V, VOCM offset < 15 mV
±27
±31
mA
TA = –40°C to +125°C, VO = ±2.25 V,
VOCM offset < 15 mV
±17
Linear output current
VS = 5 V, VO = ±2.7 V,, AOL > 80 dB
±20
±22
mA
VS = 12 V, VO = ±4.6 V, AOL > 80 dB
±22
±27
VS = 12 V, TA = –40°C to +125°C,
VO = ±3.1 V, AOL > 80 dB
±15
OUTPUT COMMON-MODE VOLTAGE (VOCM) CONTROL(1)
Small-signal bandwidth
VOCM = 10 mVPP
22
MHz
Large-signal bandwidth
VOCM = 1 VPP
1.9
MHz
Slew rate(2) (20% – 80%)
VOCM = 0.5-V step
4
V/µs
DC output balance
VOCM fixed midsupply,
VOCM/VO (VO = ±1 V)
86
dB
Output balance
VOCM fixed midsupply,
VOCM/VO (–3-dB from dc)
800
Hz
Gain
VOCM = 0 V
0.997
1
1.003
V/V
Input bias current
–0.5
–0.1
0.5
µA
+PSR to VOCM
VOCM = midsupply
72
78
dB
–PSR to VOCM
VOCM = midsupply
70
76
dB
Input impedance
200 || 1.5
kΩ || pF
Default VOCM offset
Relative to midsupply, VOCM pin floating
–40
8
40
mV
Default VOCM offset voltage drift
TA = –40℃ to 125℃
120
200
600
µV/
℃
VOCM offset voltage
VOCM driven to midsupply
–3.5
0.25
3.5
mV
VOCM offset voltage drift
TA = –40°C to 125°C
–15
3
15
µV/°C
VOCM range low
TA = 25°C, < ±4-mV shift from
midsupply offset
VS– + 0.45
VS– + 0.5
V
TA = –40°C to 125°C, < ±4-mV shift
from midsupply offset
VS– + 0.6
VOCM range high
TA = 25°C, < ±4-mV shift from
midsupply offset
VS+ – 1.2
VS+ – 1.1
V
TA = –40°C to 125°C, < ±5-mV shift
from midsupply offset
VS+ – 1.3
www.ti.com
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com