Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
Most applications for the THS4561 strive to deliver the best dynamic range in a design that delivers the desired
signal processing along with adequate phase margin for the amplifier itself. The following sections detail some of
the design issues with analysis and guidelines for improved performance.
10.1.1 Differential Open-Loop Gain and Output Impedance
The most important elements to the closed-loop performance are the open-loop gain and open-loop output
impedance. Figure 10-1 shows the simulated differential open-loop gain and phase from the differential inputs to
the differential outputs with no load and with a 100-Ω load. Operating with no load removes any effect introduced
by the open-loop output impedance to a finite load. Figure 10-2 shows the simulated differential open-loop output
impedance.
Frequency (Hz)
-40
-300
-25
-270
-10
-240
5
-210
20
-180
35
-150
50
-120
65
-90
80
-60
10k
100k
1M
10M
100M
D103
Gain, no load
Gain, 100-: load
Phase, no load
Phase, 100-: load
Figure 10-1. No-Load and 100-Ω Loaded AOL Gain
and Phase
Frequency (Hz)
10
100
1000
10000
10
100
1k
10k
100k
1M
10M
100M
1G
Figure 10-2. Differential Open-Loop Output
Impedance
This open-loop output impedance combines with the load to shift the apparent open-loop gain and phase to the
output pins when the load changes. The rail-to-rail output stage shows a very high impedance at low frequencies
that reduces with frequency to a lower midrange value and then peaks again at higher frequencies. The
maximum value at low frequencies is set by the common-mode sensing resistors to be a 6-kΩ dc value (see
Section 9.2.) This high impedance at a low frequency is significantly reduced in closed-loop operation by the
loop gain, as shown in the closed-loop output impedance of Figure 7-43. Figure 10-1 compares the no load AOL
gain to the AOL gain driving a 100-Ω load that shows the effect of the output impedance. The heavier loads pull
the AOL gain down faster to lower crossovers with more phase shift at the lower frequencies.
The much faster phase rolloff for the 100-Ω differential load explains the greater peaked response illustrated in
Figure 7-4 and Figure 7-18 when the load decreases. This same effect happens for the RC loads common with
converter interface designs. Use the TINA-TI™ model to verify loop phase margin in any design.
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com