Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
10.2 Typical Application
One common application for the THS4561 is to take a single-ended, high VPP voltage swing (from a high-voltage
precision amplifier such as the OPA810 or OPA192) and deliver that swing to precision SAR ADC as a single-
ended to differential conversion with output common-mode control and implement an active 2nd-order multiple
feedback (MFB) filter design. Designing for a 16-VPP maximum input down to an 8-VPP differential swing requires
a gain of 0.5 V/V. Targeting a 170-kHz Butterworth response with the RC elements tilted towards low noise gives
the example design of Figure 10-7. The VCM control is set to half of a 4.096-V reference, which is typical for
5-V differential SAR applications. With the high voltage capabilities of the THS4561, the design can be easily
adopted for 20-VPP input swing to the FDA for a full 10-VPP swing into 5-V differential SAR ADC by simply using
wider power supplies for the THS4561 to allow for increased output swing headroom with minimal performance
degradation.
RG1
931
RG2
931
THS4561 Wideband,
Fully Differential Amplifier
VOCM
+
±
VS+
+
±
VS+
FDA
PD
VS±
100 fF
20
20
RF1
1.5 k
470 pF
3.01 k
3.01 k
470 pF
RF2
1.5 k
680 pF
OPA810 or OPA192
Output
+
±
+
±
5 V
0 V
VS+
VS±
+
±
2.048 V
VOCM
VIN
10
10
2.2 nF
100 pF
100 pF
8-VPP Differential
SAR ADC Input
To ADC
To ADC
Figure 10-7. MFB Filter Driving an ADC Application:
Example 170-kHz Butterworth Response
10.2.1 Design Requirements
The requirements for this application are:
• Single-ended to differential conversion
• Attenuation by 0.5-V/V gain
• Active filter set to a Butterworth, 170-kHz response shape
• Output RC elements set by SAR input requirements (not part of the filter design)
• Filter element resistors and capacitors are set to limit added noise over the THS4561 and noise peaking
10.2.2 Detailed Design Procedure
The design proceeds using the techniques and tools suggested in the Design Methodology for MFB Filters in
ADC Interface Applications application note. The process includes:
• Scale the resistor values to not meaningfully contribute to the output noise produced by the THS4561 by itself
• Select the RC ratios to hit the filter targets when reducing the noise gain peaking within the filter design
• Set the output resistor to 10 Ω into a 2.2-nF differential capacitor
• Add 100-pF common-mode capacitors to the load capacitor to improve common noise filtering
• Inside the loop, add 20-Ω output resistors after the filter feedback capacitor to increase the isolation to the
load capacitor
• Include a place for a differential input capacitor (illustrated as 100 fF in Figure 10-7)
www.ti.com
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com