Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
The frequency domain characterization curves start with the circuit and component selections of Figure 8-1.
Some of the features in this test circuit include:
• The elements on the non-signal input side match the signal input resistors. This feature closely matches the
divider networks on each side of the FDA. The three resistors (RG2, RT2, and RS1) on the non-signal input
side can be replaced by a single resistor to ground using a standard value of 1.5 kΩ with some loss in gain
balancing between the two sides.
• Translating from a 1-kΩ differential load to a 50-Ω environment introduces considerable insertion loss in the
measurements (–31.8 dB in Figure 8-1). The measurement path insertion loss normalizes when reporting the
frequency response curves to show the gain response to the FDA output pins.
• In the pass band for the output balun, the 50-Ω load of the network analyzer reflects in parallel with the 52.3-
Ω shunt termination, RM. These elements combine to show a differential 1-kΩ load at the output pins of the
THS4561. The source impedance presented to the balun is a differential 50-Ω source. Figure 8-2 and Figure
8-3 show the TINA-TI™ model (available as a TINA-TI™ simulation file) and resulting response flatness for
this relatively low-frequency balun providing 0.1-dB flatness through 100 MHz.
R1
25
L1
L2
ADTL1-4-75 Model 198.94µ
+
VM1
VG1
L1 Inductance: 198.94 µH
L2 Inductance: 198.94 µH
Mutual Inductance: 198.92972 µH
R2
25
R3
50
+
±
Figure 8-2. Output Measurement Balun Simulation Circuit in TINA-TI™
Frequency (Hz)
-6.1
-10
-6.09
-8
-6.08
-6
-6.07
-4
-6.06
-2
-6.05
0
-6.04
2
-6.03
4
-6.02
6
-6.01
8
-6
10
1k
10k
100k
1M
10M
100M
D061
Gain (dB)
Phase (deg)
Figure 8-3. Output Measurement Balun Flatness Test
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com