Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
8.4 Differential Amplifier Noise Measurements
To extract the input-referred noise terms from the total output noise, a measurement of the differential output
noise is required under two external conditions to emphasize the different noise terms. A high-gain, low resistor
value condition is used to emphasize the differential input voltage noise and a higher RF at low gains is used to
emphasize the two input current noise terms. The differential output noise must be converted to single-ended
with added gain before being measured by a spectrum analyzer. At low frequencies, a zero 1/f noise, high-gain,
differential to single-ended instrumentation amplifier (such as the INA188) is used. At higher frequencies, a
differential to single-ended balun is used to drive into a high-gain, low-noise, op amp (such as the LMH6629). In
this case, the THS4561 outputs drive 25-Ω resistors into a 1:1 balun where the balun output is terminated single-
endedly at the LMH6629 input with 50 Ω. This termination provides a modest 6-dB insertion loss for the
THS4561 differential output noise that is then followed by a 40-dB gain setting in the very wideband LMH6629.
8.5 Balanced Split-Supply Versus Single-Supply Characterization
Although most end applications use a single-supply implementation, most characterizations are done on a
bipolar balanced supply. Using a bipolar balanced supply keeps the I/O common-mode inputs near midsupply
and provides the most output swing with no DC bias currents for level shifting. These characterizations include
the frequency response, harmonic distortion, and noise plots. The time domain plots are in some cases done
through single-supply characterization to obtain the correct movement of the input common-mode voltage.
8.6 Simulated Characterization Curves
In some cases, a characteristic curve can only be generated through simulation. A good example of this scenario
is the output balance plot of Figure 7-51. This plot shows the best-case output balance (output differential signal
versus output common-mode signal) using exact matching of the external resistors in simulation using a single-
ended input to differential output configuration. The actual output balance is set by resistor mismatch at low
frequencies but intersects and follows the high-frequency portion of Figure 7-51 at higher frequencies.
The remaining simulated plots include:
• AOL gain and phase; see Figure 7-41.
• CMRR and PSRR vs frequency; see Figure 7-52.
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com