Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 1 Page - Texas Instruments

  THS4521 Datasheet HTML 1Page - Texas Instruments THS4521 Datasheet HTML 2Page - Texas Instruments THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
1 Features
• Bandwidth: 60 MHz (G = 1 V/V)
• Slew Rate: 230 V/µs
• Gain Bandwidth Product: 68 MHz
• Voltage Noise:
– 1/f Voltage Noise Corner: 8 Hz
– Broadband Noise (≥ 500 Hz): 4 nV/√ Hz
• Input Offset: ±250 µV (Maximum)
– Drift: ±4 µV/°C (Maximum)
• Supply Operating Range: 2.85 V to 12.6 V
• Supply Current: 775 µA
• Negative Rail Input (NRI)
• Rail-to-Rail Output (RRO)
• Very Low Harmonic Distortion:
– HD2: –117 dBc at 2 VPP, 100 kHz
– HD3: –124 dBc at 2 VPP, 100 kHz
• 0.01% Settling (2-V Step): 90 ns
2 Applications
• 16-bit to 20-bit, Differential, SAR and ΔΣ Drivers
• Differential Active Filters
• High Output Swing PCM Audio DAC Outputs
• Medical Ultrasounds
• Battery Testers
• Power Analyzers
• Lower Power Alternate to the THS4551
3 Description
The THS4561 fully differential amplifier (FDA) offers a
simple interface from single-ended sources to the
differential output required by precision analog-to-
digital converters (ADCs). Designed for a very low,
8-Hz, 1/f voltage noise corner and low, 130-dB total
harmonic distortion (THD) while consuming only a
775-µA quiescent current, the THS4561 is well suited
for power-sensitive data acquisition (DAQ) systems
where high performance is required with the best
signal-to-noise ratio (SNR) and spurious-free dynamic
range (SFDR) through the amplifier and ADC
combination.
The THS4561 features the required negative rail input
when interfacing a DC-coupled, ground-centered,
source signal to a single-supply, differential-input
ADC. Low DC error and drift terms support the
emerging high-speed and high-resolution successive
approximation register (SAR) and delta-sigma (ΔΣ)
ADC input requirements. A 2.85-V to 12.6-V supply
range with a flexible output common-mode setting
with low headroom to the supplies supports a wide
range of ADC input and digital-to-analog converter
(DAC) output requirements.
The THS4561 device is characterized for operation
from –40°C to +125°C.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
THS4561
VSSOP (8)
3.00 mm × 3.00 mm
WQFN (10)
2.00 mm × 2.00 mm
VQFN (16)(2)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
Preview package.
FDA
PCM
Audio DAC
Output
THS4561
Using ±5 VS
G = 10 V/V
50-kHz MFB
Butterworth
Output Driver
330 pF
330 pF
VS+
VS±
+5 V
PD
10 nF
10 nF
357
+
±
357
909
3.57 k
909
3.57 k
VS+
150 pF
±5 V
+
±
VS±
Gain of 10 V/V PCM Audio DAC Output With
Second-Order MFB Filter at 50 kHz
Frequency (Hz)
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
10k
100k
1M
10M
D007
HD2, VO = 2 VPP
HD3, VO = 2 VPP
HD2, VO = 8 VPP
HD3, VO = 8 VPP
HD2, VO = 10 VPP
HD3, VO = 10 VPP
Harmonic Distortion vs Frequency
www.ti.com
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: THS4561
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - THS4521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 48P
VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI1-THS4521 Datasheet
1Mb / 54P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4521 TI1-THS4521 Datasheet
1Mb / 56P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results

Similar Description - THS4521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817 AD-AD817_15 Datasheet
226Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
Texas Instruments
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
850-MHz Fully Differential Amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
Fully Differential Amplifier
logo
Texas Instruments
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
Fully differential amplifier
logo
Texas Instruments
THS4561 TI1-THS4561 Datasheet
719Kb / 35P
Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI1-THS4561_17 Datasheet
719Kb / 35P
Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI1-THS4561_18 Datasheet
792Kb / 37P
Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI-THS4561_V01 Datasheet
3Mb / 53P
THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com