Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments THS4521 Datasheet HTML 14Page - Texas Instruments THS4521 Datasheet HTML 15Page - Texas Instruments THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
7.9 Typical Characteristics: (VS+) – (VS–) = 3-V to 12-V Supply Range
at TA ≈ 25°C, VOCM pin = open, RF = 1.5 kΩ, RL = 1 kΩ, VO = 2 VPP, 50-Ω input match, G = 1 V/V, PD = VS+, single-ended
input, differential output, and input and output referenced to default midsupply for AC-coupled tests (unless otherwise noted);
see Figure 8-1 for a gain of 1-V/V test circuit.
Input Offset Voltage (PV)
0
25
50
75
100
125
150
175
200
225
250
D059
VS = 5 V
VS = 12 V
1000 DGK units at each VS
Figure 7-35. Input Offset Voltage (VOS)
Input Offset Current (nA)
0
50
100
150
200
250
300
350
400
450
500
D059
VS = 5 V
VS = 12 V
1000 DGK units at each VS
Figure 7-36. Input Offset Current (IOS)
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-250
-200
-150
-100
-50
0
50
100
150
200
250
D061
VS = 12 V, 5 V, and 3 V,
delta from 25°C VOS, 30 DGK units for each VS
Figure 7-37. Input Offset Voltage vs Temperature
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-20
-15
-10
-5
0
5
10
15
20
D062
VS = 12 V and 5 V,
delta from 25°C IOS, 50 DGK units for each VS
Figure 7-38. Input Offset Current vs Temperature
Input Offset Voltage Drift (PV/°C)
0
1
2
3
4
5
6
7
8
9
10
11
12
D063
VS = 3 V
VS = 5 V
VS = 12 V
–40°C to +125°C endpoint drift, 30 DGK units for each VS
Figure 7-39. Input Offset Voltage Drift Histogram
Input Offset Current Drift (pA/°C)
0
3
6
9
12
15
18
21
24
27
30
D064
VS = 5 V
VS = 12 V
–40°C to +125°C endpoint drift, 50 DGK units for each VS
Figure 7-40. Input Offset Current Drift Histogram
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com