Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 13Page - Texas Instruments THS4521 Datasheet HTML 14Page - Texas Instruments THS4521 Datasheet HTML 15Page - Texas Instruments THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
7.9 Typical Characteristics: (VS+) – (VS–) = 3-V to 12-V Supply Range (continued)
at TA ≈ 25°C, VOCM pin = open, RF = 1.5 kΩ, RL = 1 kΩ, VO = 2 VPP, 50-Ω input match, G = 1 V/V, PD = VS+, single-ended
input, differential output, and input and output referenced to default midsupply for AC-coupled tests (unless otherwise noted);
see Figure 8-1 for a gain of 1-V/V test circuit.
Frequency (Hz)
-40
-300
-25
-270
-10
-240
5
-210
20
-180
35
-150
50
-120
65
-90
80
-60
10k
100k
1M
10M
100M
D103
Gain, no load
Gain, 100-: load
Phase, no load
Phase, 100-: load
Simulated
Figure 7-41. Main Amplifier Differential Open-Loop Gain and
Phase vs Frequency
Frequency (Hz)
10
100
1000
10000
10
100
1k
10k
100k
1M
10M
100M
1G
Simulated
Figure 7-42. Open-Loop Output Impedance vs Frequency
Frequency (Hz)
0.01
0.1
1
10
100
100k
1M
10M
60M
40k
D049
VS = 3 V
VS = 5 V
VS = 12 V
.
Figure 7-43. Closed-Loop Output Impedance vs Frequency
Time, 20 ns per division
-100
-80
-60
-40
-20
0
20
40
60
80
D013
VS = 12 V
VS = 5 V
VS = 3 V
VO = 100-mV step, tr (10% - 90%) = 5.7 ns
Figure 7-44. Small-Signal Step Response
Supply Voltage, VS (V)
675
700
725
750
775
800
825
850
875
900
925
950
975
1000
D066
IS+, TA = 40qC
IS+, TA = 25qC
IS+, TA = 85qC
IS+, TA = 125qC
Average of 30 units
Figure 7-45. Quiescent Current vs VS
Time, 500 ns per division
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
D068
VO
PD
5 MHz, 2-VPP input, G = 1 V/V, see Figure 8-1
Figure 7-46. PD Turnon and Turnoff Waveform
www.ti.com
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com