Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 15Page - Texas Instruments THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
8 Parameter Measurement Information
8.1 Example Characterization Circuits
The THS4561 offers the advantages of a fully differential amplifier (FDA) design with the trimmed input offset
voltage and low drift of a precision op amp. The FDA is a flexible device where the main aim is to provide a
purely differential output signal centered on a user-configurable common-mode voltage usually matched to the
input common-mode voltage required by an analog-to-digital converter (ADC) following the FDA stage. The
primary options revolve around the choices of single-ended or differential inputs, AC-coupled or DC-coupled
signal paths, gain targets, and resistor value selections. The characterization circuits described in this section
focus on single-ended input to differential output designs as the more challenging application requirement.
Differential sources are supported and are simple to implement and analyze.
The characterization circuits are typically operated with a single-ended, matched, 50-Ω, input termination to a
differential output at the FDA output pins because most lab equipment is single-ended. The FDA differential
output is then translated back to single-ended through a variety of baluns (or transformers) depending on the
test and frequency range. DC-coupled step response testing uses two 50-Ω scope inputs with trace math to
measure the differential output. Single-supply operation is most common in end equipment designs. However,
using split balanced supplies allows simple ground referenced testing without adding further blocking capacitors
in the signal path beyond those capacitors already within the test equipment. The starting point for any single-
ended input to differential output measurements (such as any of the frequency response curves) is shown in
Figure 8-1.
R
F1
1.5 k
R
G1
1.5 k
R
G2
1.5 k
R
T1
52.3
31.8-dB
Insertion Loss
from VOPP to a
50-
Load
THS4561 Wideband,
Fully Differential Amplifier
50-
Input Match,
Gain of 1 V/V from RT,
Single-Ended Source to
Differential Output
VOCM
R
F2
1.5 k
Network
Analyzer,
50-
Source
Impedance
+
±
V
S+
+
±
V
S+
FDA
PD
V
S±
R
T2
52.3
R
S1
50
50-
Termination
R
O1
487
R
O2
487
R
M
52.3
Network
Analyzer,
50-
Load
ADTL1-4-75+
N1
N2
1-k
Differential
Load
VO
50-
Single-Ended
Source
Figure 8-1. Single-Ended Source to a Differential Gain of a 1-V/V Test Circuit
Most characterization plots fix the RF (RF1 = RF2) value at 1.5 kΩ, as shown in Figure 8-1. This element value is
flexible in application, but 1.5 kΩ provides a good compromise for the parasitic issues linked to this value,
specifically:
• Added output loading: The FDA functions similarly to an inverting op amp design with feedback resistors
appearing as an added load across the outputs (the approximate total differential load in Figure 8-1 is 1.5 kΩ
|| 1 kΩ = 857 Ω). The 1.5-kΩ value reduces the power dissipated in the feedback networks.
• Noise contributions resulting from resistor values. These contributions are both the 4kTRF terms and the
current noise times the RF term referred to the output (see Section 10.1.3).
• Parasitic feedback pole at the input summing nodes. This pole is created by the feedback resistor (RF) value
and the 2.4-pF differential input capacitance (as well as any board layout parasitic) and introduces a zero in
the noise gain, which decreases the phase margin in most situations. This effect must be managed for best
frequency response flatness or step response overshoot.
www.ti.com
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com