Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
9.4.2.1 AC-Coupled Signal Path Considerations for Single-Ended Input to Differential Output
Conversions
When the signal path can be AC-coupled, the DC biasing for the THS4561 becomes a relatively simple task. In
all designs, start by defining the output common-mode voltage. The AC-coupling requirement can be separated
for the input and output sides of an FDA design. The input can be AC-coupled and the output DC-coupled, or the
output can be AC-coupled and the input DC-coupled, or both can be AC-coupled. One situation where the output
can be DC-coupled (for an AC-coupled input), is when driving directly into an ADC where the VOCM control
voltage uses the ADC common-mode reference to directly bias the FDA output common-mode voltage to the
required ADC input common-mode voltage. In any case, the design starts by setting the desired VOCM. When an
AC-coupled path follows the output pins, the best linearity is achieved by operating VOCM at midsupply, which
can be easily delivered by floating the VOCM pin. The VOCM voltage must be within the linear range for the
common-mode loop, as specified in the headroom specifications. If the output path is also AC-coupled, simply
letting the VOCM control pin float is usually preferred in order to obtain a midsupply default VOCM bias with
minimal elements. To limit noise, place a 0.1-µF decoupling capacitor on the VOCM control pin to ground.
After VOCM is defined, check the target output voltage swing to make certain that the VOCM plus the positive and
negative output swing on each side does not clip into the supplies. If the desired peak-to-peak output differential
swing is defined as VOPP, divide by 4 to obtain the ±VP (peak voltage) swing around VOCM at each of the two
output pins (each pin operates 180° out of phase with the other). Check that VOCM ±VP does not exceed the
absolute supply rails for the rail-to-rail output (RRO) device. Common-mode current does not flow from the
common-mode output voltage set by the VOCM pin towards the device input pins side, because both the source
and balancing resistor on the non-signal input side are DC blocked. The AC-coupled input path sets the input pin
common-mode voltage equal to the output common-mode voltage. If the VOCM voltage is within the headroom
requirement, then the input pins are also in range for the AC-coupled input configuration. This headroom
requirement functions similarly for when the VOCM voltage approaches the negative supply.
The input pin voltages move in a common-mode manner with the input signal. Confirm that the VOCM voltage
plus the input VPP common-mode swing also stays in the VICM specification range for the input pins.
9.4.2.2 DC-Coupled Input Signal Path Considerations for Single-Ended to Differential Conversions
The output considerations remain the same as for the AC-coupled design. Again, the input can be DC-coupled
when the output is ac coupled. A DC-coupled input with an AC-coupled output can have some advantages to
move the input VICM down by adjusting the VOCM down if the source is ground referenced. When the source is
DC-coupled into the THS4561 (see Figure 10-3), both sides of the input circuit must be DC-coupled to retain
differential balance. Normally, the non-signal input side has an RG element biased to whatever the source
midrange is expected to be, provided that this midscale reference gives a balanced differential swing around
VOCM at the outputs. Often, RG2 is simply grounded for DC-coupled, bipolar-input applications. This configuration
provides a balanced differential output if the source swings around ground. If the source swings from ground to
some positive voltage, grounding RG2 gives a unipolar output differential swing from both outputs at VOCM (when
the input is at ground) to one polarity of the swing. Biasing RG2 to an expected midpoint for the input signal
creates a differential output swing around VOCM.
One significant consideration for a DC-coupled input is that VOCM sets up a common-mode bias current from
the output back through RF and RG to the source on both sides of the feedback. Without input balancing
networks, the source must sink or source this dc current. After the input signal range and biasing on the other RG
element is set, check that the voltage divider from VOCM to VIN through RF and RG (and possibly RS) establishes
an input VICM at the device input pins that is within the specification range. If the average source is at ground, the
negative rail input stage for the THS4561 is in range for applications using a single positive supply and a positive
output VOCM setting because this dc common-mode current lifts the average FDA input summing junctions
above ground to a positive voltage (the average of the V+ and V– input pin voltages on the FDA). TINA-TI™
simulations of the intended circuit offer a good check for input and output pin voltage swings.
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com