Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 13Page - NXP Semiconductors LPC82X Datasheet HTML 14Page - NXP Semiconductors LPC82X Datasheet HTML 15Page - NXP Semiconductors LPC82X Datasheet HTML 16Page - NXP Semiconductors LPC82X Datasheet HTML 17Page - NXP Semiconductors LPC82X Datasheet HTML 18Page - NXP Semiconductors LPC82X Datasheet HTML 19Page - NXP Semiconductors LPC82X Datasheet HTML 20Page - NXP Semiconductors LPC82X Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
17 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
– Pin interrupts can wake up the LPC82x from sleep mode, deep-sleep mode, and
power-down mode.
• Pin interrupt pattern match engine
– Up to eight pins can be selected from all digital pins to contribute to a boolean
expression. The boolean expression consists of specified levels and/or transitions
on various combinations of these pins.
– Each minterm (product term) comprising the specified boolean expression can
generate its own, dedicated interrupt request.
– Any occurrence of a pattern match can be also programmed to generate an RXEV
notification to the ARM CPU. The RXEV signal can be connected to a pin.
– The pattern match engine does not facilitate wake-up.
8.12 DMA controller
The DMA controller can access all memories and the USART, SPI, I2C, and ADC
peripherals using DMA requests or triggers. DMA transfers can also be triggered by
internal events like the ADC interrupts, the pin interrupts (PININT0 and PININT1), the
SCTimer DMA requests, and the DMA trigger outputs.
8.12.1 Features
• 18 channels with each channel connected to peripheral request inputs.
• DMA operations can be triggered by on-chip events or by two pin interrupts. Each
DMA channel can select one trigger input from 9 sources.
• Priority is user selectable for each channel.
• Continuous priority arbitration.
• Address cache with two entries.
• Efficient use of data bus.
• Supports single transfers up to 1,024 words.
• Address increment options allow packing and/or unpacking data.
8.12.2 DMA trigger input MUX (TRIGMUX)
Each DMA trigger is connected to a programmable multiplexer which connects the trigger
input to one of multiple trigger sources. Each multiplexer supports the same trigger
sources: the ADC sequence interrupts, the SCT DMA request lines, and pin interrupts
PININT0 and PININT1, and the outputs of the DMA triggers 0 and 1 for chaining DMA
triggers.
8.13 USART0/1/2
All USART functions are movable functions and are assigned to pins through the switch
matrix.
8.13.1 Features
• Maximum bit rates of 1.875 Mbit/s in asynchronous mode and 10 Mbit/s in
synchronous mode for USART functions connected to all digital pins except the
open-drain pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com