Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 65Page - NXP Semiconductors LPC82X Datasheet HTML 66Page - NXP Semiconductors LPC82X Datasheet HTML 67Page - NXP Semiconductors LPC82X Datasheet HTML 68Page - NXP Semiconductors LPC82X Datasheet HTML 69Page - NXP Semiconductors LPC82X Datasheet HTML 70Page - NXP Semiconductors LPC82X Datasheet HTML 71Page - NXP Semiconductors LPC82X Datasheet HTML 72Page - NXP Semiconductors LPC82X Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
69 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
14.2 XTAL Printed-Circuit Board (PCB) layout guidelines
The crystal should be connected on the PCB as close as possible to the oscillator input
and output pins of the chip. Take care that the load capacitors Cx1,Cx2, and Cx3 in case of
third overtone crystal usage have a common ground plane. The external components
must also be connected to the ground plain. Loops must be made as small as possible in
Fig 42. Oscillator modes and models: oscillation mode of operation and external crystal
model used for CX1/CX2 evaluation
Table 28.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters) low frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1, CX2
1 MHz to 5 MHz
10 pF
< 300
18 pF, 18 pF
20 pF
< 300
39 pF, 39 pF
30 pF
< 300
57 pF, 57 pF
5 MHz to 10 MHz
10 pF
< 300
18 pF, 18 pF
20 pF
< 200
39 pF, 39 pF
30 pF
< 100
57 pF, 57 pF
10 MHz to 15 MHz
10 pF
< 160
18 pF, 18 pF
20 pF
< 60
39 pF, 39 pF
15 MHz to 20 MHz
10 pF
< 80
18 pF, 18 pF
Table 29.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters) high frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1, CX2
15 MHz to 20 MHz
10 pF
< 180
18 pF, 18 pF
20 pF
< 100
39 pF, 39 pF
20 MHz to 25 MHz
10 pF
< 160
18 pF, 18 pF
20 pF
< 80
39 pF, 39 pF
aaa-004647
LPC800
XTALIN
XTALOUT
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com