Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 5Page - NXP Semiconductors LPC82X Datasheet HTML 6Page - NXP Semiconductors LPC82X Datasheet HTML 7Page - NXP Semiconductors LPC82X Datasheet HTML 8Page - NXP Semiconductors LPC82X Datasheet HTML 9Page - NXP Semiconductors LPC82X Datasheet HTML 10Page - NXP Semiconductors LPC82X Datasheet HTML 11Page - NXP Semiconductors LPC82X Datasheet HTML 12Page - NXP Semiconductors LPC82X Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
9 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
[1]
Pin state at reset for default function: I = Input; AI = Analog Input; O = Output; PU = internal pull-up enabled (pins pulled up to full VDD
level); IA = inactive, no pull-up/down enabled; F = floating. For pin states in the different power modes, see Section 14.5 “Pin states in
different power modes”. For termination on unused pins, see Section 14.4 “Termination of unused pins”.
[2]
5 V tolerant pin providing standard digital I/O functions with configurable modes, configurable hysteresis, and analog input. When
configured as an analog input, the digital section of the pin is disabled, and the pin is not 5 V tolerant.
PIO0_14/
ACMP_I3/ADC_2
20
25
[2]
I; PU
IO
PIO0_14 — General-purpose port 0 input/output 14.
A
ACMP_I3 — Analog comparator common input 3.
A
ADC_2 — ADC input 2.
PIO0_15
11
15
[5]
I; PU
IO
PIO0_15 — General-purpose port 0 input/output 15.
PIO0_16
-
10
[4]
I; PU
IO
PIO0_16 — General-purpose port 0 input/output 16.
PIO0_17/ADC_9
2
32
[2]
I; PU
IO
PIO0_17 — General-purpose port 0 input/output 17.
A
ADC_9 — ADC input 9.
PIO0_18/ADC_8
-
31
[2]
I; PU
IO
PIO0_18 — General-purpose port 0 input/output 18.
A
ADC_8 — ADC input 8.
PIO0_19/ADC_7
-
30
[2]
I; PU
IO
PIO0_19 — General-purpose port 0 input/output 19.
A
ADC_7 — ADC input 7.
PIO0_20/ADC_6
-
29
[2]
I; PU
IO
PIO0_20 — General-purpose port 0 input/output 20.
A
ADC_6 — ADC input 6.
PIO0_21/ADC_5
-
28
[2]
I; PU
IO
PIO0_21 — General-purpose port 0 input/output 21.
A
ADC_5 — ADC input 5.
PIO0_22/ADC_4
-
27
[2]
I; PU
IO
PIO0_22 — General-purpose port 0 input/output 22.
A
ADC_4 — ADC input 4.
PIO0_23/ADC_3/
ACMP_I4
126
[2]
I; PU
IO
PIO0_23 — General-purpose port 0 input/output 23.
A
ADC_3 — ADC input 3.
A
ACMP_I4 — Analog comparator common input 4.
PIO0_24
-
14
[5]
I; PU
IO
PIO0_24 — General-purpose port 0 input/output 24.
PIO0_25
-
13
[5]
I; PU
IO
PIO0_25 — General-purpose port 0 input/output 25.
PIO0_26
-
12
[5]
I; PU
IO
PIO0_26 — General-purpose port 0 input/output 26.
PIO0_27
-
11
[5]
I; PU
IO
PIO0_27 — General-purpose port 0 input/output 27.
PIO0_28/
WKTCLKIN
-5
[3]
I; PU
IO
PIO0_28 — General-purpose port 0 input/output 28. This pin can
host an external clock for the self-wake-up timer. To use the pin
as a self-wake-up timer clock input, select the external clock in the
wake-up timer CTRL register. The external clock input is active in
all power modes, including deep power-down.
VDD
15
19
-
-
Supply voltage for the I/O pad ring, the core voltage regulator, and
the analog peripherals.
VSS
16
33[11]
-
-
Ground.
VREFN
17
20
-
-
ADC negative reference voltage.
VREFP
18
21
-
-
ADC positive reference voltage. Must be equal or lower than VDD.
Table 3.
Pin description
Symbol
Reset
state[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com