Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 24Page - NXP Semiconductors LPC82X Datasheet HTML 25Page - NXP Semiconductors LPC82X Datasheet HTML 26Page - NXP Semiconductors LPC82X Datasheet HTML 27Page - NXP Semiconductors LPC82X Datasheet HTML 28Page - NXP Semiconductors LPC82X Datasheet HTML 29Page - NXP Semiconductors LPC82X Datasheet HTML 30Page - NXP Semiconductors LPC82X Datasheet HTML 31Page - NXP Semiconductors LPC82X Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
28 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
When entering Deep power-down mode, an external pull-up resistor is required on the
WAKEUP pin to hold it HIGH. Pull the RESET pin HIGH to prevent it from floating while in
Deep power-down mode.
8.23 System control
8.23.1 Reset
Reset has four sources on the LPC82x: the RESET pin, the Watchdog reset, power-on
reset (POR), and the BrownOut Detection (BOD) circuit. The RESET pin is a Schmitt
trigger input pin. Assertion of chip reset by any source, once the operating voltage attains
a usable level, starts the IRC and initializes the flash controller.
A LOW-going pulse as short as 50 ns resets the part.
When the internal Reset is removed, the processor begins executing at address 0, which
is initially the Reset vector mapped from the boot block. At that point, all of the processor
and peripheral registers have been initialized to predetermined values.
In Deep power-down mode, an external pull-up resistor is required on the RESET pin.
8.23.2 Brownout detection
The LPC82x includes up to four levels for monitoring the voltage on the VDD pin. If this
voltage falls below one of the selected levels, the BOD asserts an interrupt signal to the
NVIC. This signal can be enabled for interrupt in the Interrupt Enable Register in the NVIC
to cause a CPU interrupt. Alternatively, software can monitor the signal by reading a
dedicated status register. Four threshold levels can be selected to cause a forced reset of
the chip.
Fig 10. Reset pad configuration
VSS
reset
aaa-004613
VDD
VDD
VDD
Rpu
ESD
ESD
20 ns RC
GLITCH FILTER
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com