Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 45Page - NXP Semiconductors LPC82X Datasheet HTML 46Page - NXP Semiconductors LPC82X Datasheet HTML 47Page - NXP Semiconductors LPC82X Datasheet HTML 48Page - NXP Semiconductors LPC82X Datasheet HTML 49Page - NXP Semiconductors LPC82X Datasheet HTML 50Page - NXP Semiconductors LPC82X Datasheet HTML 51Page - NXP Semiconductors LPC82X Datasheet HTML 52Page - NXP Semiconductors LPC82X Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
49 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
Conditions: VDD = 1.8 V; standard port pins.
Conditions: VDD = 3.3 V; standard port pins.
Fig 28. Typical HIGH-level output voltage VOH versus HIGH-level output source current IOH
aaa-013977
0
1.5
3
4.5
6
1.2
1.3
1.4
1.5
1.6
1.7
1.8
IOH (mA)
VOH
OH
VOH
(V)
(V)
(V)
-40 C
-40 C
-40 °C
25 C
25 C
25 °C
90 C
90 C
90 °C
105 C
105 C
105 °C
aaa-013978
0
8
16
24
2
2.3
2.6
2.9
3.2
3.5
IOH (mA)
VOH
OH
VOH
(V)
(V)
(V)
-40 C
-40 C
-40 °C
25 C
25 C
25 °C
90 C
90 C
90 °C
105 C
105 C
105 °C
Conditions: VDD = 1.8 V; standard port pins.
Conditions: VDD = 3.3 V; standard port pins.
Fig 29. Typical pull-up current IPU versus input voltage VI
aaa-013979
0
0.7
1.4
2.1
2.8
3.5
-16
-12
-8
-4
0
VI (V)
Ipu
pu
Ipu
(uA)
(uA)
(μA)
-40 C
-40 C
-40 °C
105 C
105 C
105 °C
90 C
90 C
90 °C
25 C
25 C
25 °C
aaa-013980
0
1
2
3
4
5
-70
-56
-42
-28
-14
0
VI (V)
Ipu
pu
Ipu
(uA)
(uA)
(μA)
105 C
105 C
105 °C
-40 C
-40 C
-40 °C
90 C
90 C
90 °C
25 C
25 C
25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com