Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC82X Datasheet HTML 1Page - NXP Semiconductors LPC82X Datasheet HTML 2Page - NXP Semiconductors LPC82X Datasheet HTML 3Page - NXP Semiconductors LPC82X Datasheet HTML 4Page - NXP Semiconductors LPC82X Datasheet HTML 5Page - NXP Semiconductors LPC82X Datasheet HTML 6Page - NXP Semiconductors LPC82X Datasheet HTML 7Page - NXP Semiconductors LPC82X Datasheet HTML 8Page - NXP Semiconductors LPC82X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
5 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
6. Block diagram
Gray-shaded blocks show peripherals that can provide hardware triggers or fixed DMA requests for DMA transfers.
Fig 3.
LPC82x block diagram
SRAM
4/8 KB
ARM
CORTEX-M0+
TEST/DEBUG
INTERFACE
FLASH
16/32 KB
HIGH-SPEED
GPIO
AHB TO APB
BRIDGE
CLOCK
GENERATION,
POWER CONTROL,
SYSTEM
FUNCTIONS
RESET, CLKIN
clocks and
controls
LPC82xM
aaa-014399
slave
slave
slave
ROM
slave
CRC
slave
master
PIN INTERRUPTS/
PATTERN MATCH
AHB-LITE BUS
IRC
WDOsc
BOD
POR
SPI0/1
USART0/1/2
SDA
SCL
SCT_PIN[3:0]
29 x
PIO0
29 x
WWDT
IOCON
PMU
SELF
WAKE-UP TIMER
MULTI-RATE TIMER
I2C0/1/2/3
SCTIMER/
PWM
SWITCH
MATRIX
SCT_OUT[6:0]
COMPARATOR
XTALIN
XTALOUT
ACMP_O
SYSCON
RXD, CTS
TXD, RTS
ACMP_I[4:1]
VDDCMP
ADC
ADC_[11:0]
SCK, SSEL
MISO, MOSI
ALWAYS-ON POWER DOMAIN
XTAL
SCLK
CLKOUT
SWCLK, SWD
DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com