Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 4Page - NXP Semiconductors LPC82X Datasheet HTML 5Page - NXP Semiconductors LPC82X Datasheet HTML 6Page - NXP Semiconductors LPC82X Datasheet HTML 7Page - NXP Semiconductors LPC82X Datasheet HTML 8Page - NXP Semiconductors LPC82X Datasheet HTML 9Page - NXP Semiconductors LPC82X Datasheet HTML 10Page - NXP Semiconductors LPC82X Datasheet HTML 11Page - NXP Semiconductors LPC82X Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
8 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
PIO0_4/ADC_11/
TRSTN/WAKEUP
64
[3]
I; PU
IO
PIO0_4 — General-purpose port 0 input/output 4.
In boundary scan mode: TRST (Test Reset).
In ISP mode, this pin is the U0_TXD pin.
This pin triggers a wake-up from Deep power-down mode. If the
part must wake up from Deep power-down mode via an external
pin, do not assign any movable function to this pin. This pin
should be pulled HIGH externally before entering Deep
power-down mode. A LOW-going pulse as short as 50 ns causes
the chip to exit Deep power-down mode and wakes up the part.
A
ADC_11 — ADC input 11.
RESET/PIO0_5
5
3
[7]
I; PU
IO
RESET — External reset input: A LOW-going pulse as short as
50 ns on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor
execution to begin at address 0.
In deep power-down mode, this pin must be pulled HIGH
externally. The RESET pin can be left unconnected or be used as
a GPIO or for any movable function if an external RESET function
is not needed and the Deep power-down mode is not used.
I
PIO0_5 — General-purpose port 0 input/output 5.
PIO0_6/ADC_1/
VDDCMP
-23
[10]
I; PU
IO
PIO0_6 — General-purpose port 0 input/output 6.
A
ADC_1 — ADC input 1.
A
VDDCMP — Alternate reference voltage for the analog
comparator.
PIO0_7/ADC_0
-
22
[2]
I; PU
IO
PIO0_7 — General-purpose port 0 input/output 7.
A
ADC_0 — ADC input 0.
PIO0_8/XTALIN
14
18
[8]
I; PU
IO
PIO0_8 — General-purpose port 0 input/output 8.
A
XTALIN — Input to the oscillator circuit and internal clock
generator circuits. Input voltage must not exceed 1.95 V.
PIO0_9/XTALOUT
13
17
[8]
I; PU
IO
PIO0_9 — General-purpose port 0 input/output 9.
A
XTALOUT — Output from the oscillator circuit.
PIO0_10/I2C0_SCL 10
9
[6]
Inactive I; F
PIO0_10 — General-purpose port 0 input/output 10 (open-drain).
I2C0_SCL — Open-drain I2C-bus clock input/output. High-current
sink if I2C Fast-mode Plus is selected in the I/O configuration
register.
PIO0_11/I2C0_SDA 9
8
[6]
Inactive I; F
PIO0_11 — General-purpose port 0 input/output 11 (open-drain).
I2C0_SDA — Open-drain I2C-bus data input/output. High-current
sink if I2C Fast-mode Plus is selected in the I/O configuration
register.
PIO0_12
4
2
[4]
I; PU
IO
PIO0_12 — General-purpose port 0 input/output 12. ISP entry
pin. A LOW level on this pin during reset starts the ISP command
handler.
PIO0_13/ADC_10
3
1
[2]
I; PU
IO
PIO0_13 — General-purpose port 0 input/output 13.
A
ADC_10 — ADC input 10.
Table 3.
Pin description
Symbol
Reset
state[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com