Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 40Page - NXP Semiconductors LPC82X Datasheet HTML 41Page - NXP Semiconductors LPC82X Datasheet HTML 42Page - NXP Semiconductors LPC82X Datasheet HTML 43Page - NXP Semiconductors LPC82X Datasheet HTML 44Page - NXP Semiconductors LPC82X Datasheet HTML 45Page - NXP Semiconductors LPC82X Datasheet HTML 46Page - NXP Semiconductors LPC82X Datasheet HTML 47Page - NXP Semiconductors LPC82X Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
44 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
WKT running with external 32 kHz clock. Clock input waveform: square wave with rise time and fall
time of 5 ns.
Fig 21. Deep power-down mode: Typical supply current IDD versus temperature for
different supply voltages VDD (external 32 kHz input clock)
WKT running with external 1 MHz clock. Clock input waveform: square wave with rise time and fall
time of 5 ns.
Fig 22. Deep power-down mode: Typical supply current IDD versus temperature for
different supply voltages VDD (external 1 MHz input clock)
aaa-014388
-40
-10
20
50
80
110
0
0.5
1
1.5
2
2.5
3
temperature (°C)
IDD
DD
IDD
(μA)
(μA)
(μA)
VDD = 3.6 V
VDD = 3.6 V
VDD = 3.6 V
3.3 V
3.3 V
3.3 V
2.7 V
2.7 V
2.7 V
1.8 V
1.8 V
1.8 V
aaa-014389
-40
-10
20
50
80
110
0
5
10
15
20
25
temperature (°C)
IDD
DD
IDD
(μA)
(μA)
(μA)
1.8 V
1.8 V
1.8 V
2.7 V
2.7 V
2.7 V
3.3 V
3.3 V
3.3 V
VDD = 3.6 V
VDD = 3.6 V
VDD = 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com