Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 29Page - NXP Semiconductors LPC82X Datasheet HTML 30Page - NXP Semiconductors LPC82X Datasheet HTML 31Page - NXP Semiconductors LPC82X Datasheet HTML 32Page - NXP Semiconductors LPC82X Datasheet HTML 33Page - NXP Semiconductors LPC82X Datasheet HTML 34Page - NXP Semiconductors LPC82X Datasheet HTML 35Page - NXP Semiconductors LPC82X Datasheet HTML 36Page - NXP Semiconductors LPC82X Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
33 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
11. Static characteristics
11.1 General operating conditions
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply voltages.
[2]
Including bonding pad capacitance. Based on simulation, not tested in production.
Table 7.
General operating conditions
Tamb =
−40 °C to +105 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fclk
clock frequency
internal CPU/system clock
-
-
30
MHz
VDD
supply voltage (core
and external rail)
1.8
3.3
3.6
V
Vref
reference voltage
on pin VREFP
2.4
-
VDD
V
Oscillator pins
Vi(xtal)
crystal input voltage
on pin XTALIN
0.5
1.8
1.95
V
Vo(xtal)
crystal output voltage
on pin XTALOUT
0.5
1.8
1.95
V
Pin capacitance
Cio
input/output
capacitance
pins with analog and digital
functions
[2] -
-
7.1
pF
I2C-bus pins (PIO0_10 and
PIO0_11)
[2] -
-
2.5
pF
pins with digital functions only
[2] -
-
2.8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com