Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 42Page - NXP Semiconductors LPC82X Datasheet HTML 43Page - NXP Semiconductors LPC82X Datasheet HTML 44Page - NXP Semiconductors LPC82X Datasheet HTML 45Page - NXP Semiconductors LPC82X Datasheet HTML 46Page - NXP Semiconductors LPC82X Datasheet HTML 47Page - NXP Semiconductors LPC82X Datasheet HTML 48Page - NXP Semiconductors LPC82X Datasheet HTML 49Page - NXP Semiconductors LPC82X Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
46 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
11.6 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the SYSAHBCLKCFG.
and PDRUNCFG (for analog blocks) registers. All other blocks are disabled in both
registers and no code accessing the peripheral is executed. Measured on a typical
sample at Tamb = 25 C. Unless noted otherwise, the system oscillator and PLL are
running in both measurements.
The supply currents are shown for system clock frequencies of 12 MHz and 30 MHz.
Table 10.
Power consumption for individual analog and digital blocks
Peripheral
Typical supply current in μA
Notes
System clock frequency =
n/a
12 MHz
30 MHz
IRC
261
-
-
System oscillator running; PLL off;
independent of main clock frequency; IRC
output disabled.
System oscillator at 12 MHz
274
-
-
IRC running; PLL off; independent of main
clock frequency.
Watchdog oscillator
2
-
-
System oscillator running; PLL off;
independent of main clock frequency.
BOD
39
-
-
Independent of main clock frequency.
Main PLL
-
301
-
-
CLKOUT
-
67
150
Main clock divided by 4 in the CLKOUTDIV
register.
ROM
-
27
68
-
GPIO + pin interrupt/pattern
match
-
95
233
GPIO pins configured as outputs and set to
LOW. Direction and pin state are maintained if
the GPIO is disabled in the SYSAHBCLKCFG
register.
SWM
-
59
145
-
IOCON
-
45
110
-
SCTimer/PWM
-
168
411
-
MRT
-
89
220
-
WWDT
-
29
71
-
I2C0
-
54
132
-
I2C1
-
49
122
-
I2C2
-
52
127
-
I2C3
-
57
142
-
SPI0
-
55
136
-
SPI1
-
55
136
-
USART0
-
50
124
-
USART1
-
54
134
-
USART2
-
56
138
-
Comparator ACMP
-
34
82
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com