Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 3Page - NXP Semiconductors LPC82X Datasheet HTML 4Page - NXP Semiconductors LPC82X Datasheet HTML 5Page - NXP Semiconductors LPC82X Datasheet HTML 6Page - NXP Semiconductors LPC82X Datasheet HTML 7Page - NXP Semiconductors LPC82X Datasheet HTML 8Page - NXP Semiconductors LPC82X Datasheet HTML 9Page - NXP Semiconductors LPC82X Datasheet HTML 10Page - NXP Semiconductors LPC82X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
7 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
7.2 Pin description
The pin description table Table 3 shows the pin functions that are fixed to specific pins on
each package. These fixed-pin functions are selectable through the switch matrix
between GPIO and the comparator, ADC, SWD, RESET, and the XTAL pins. By default,
the GPIO function is selected except on pins PIO0_2, PIO0_3, and PIO0_5. JTAG
functions are available in boundary scan mode only.
Movable function for the I2C, USART, SPI, and SCT pin functions can be assigned
through the switch matrix to any pin that is not power or ground in place of the pin’s fixed
functions.
The following exceptions apply:
Do not assign more than one output to any pin. However, more than one input can be
assigned to a pin. Once any function is assigned to a pin, the pin’s GPIO functionality is
disabled.
Pin PIO0_4 triggers a wake-up from Deep power-down mode. If the part must wake up
from Deep power-down mode via an external pin, do not assign any movable function to
this pin.
The JTAG functions TDO, TDI, TCK, TMS, and TRST are selected on pins PIO0_0 to
PIO0_4 by hardware when the part is in boundary scan mode.
Table 3.
Pin description
Symbol
Reset
state[1]
Type
Description
PIO0_0/ACMP_I1/
TDO
19
24
[2]
I; PU
IO
PIO0_0 — General-purpose port 0 input/output 0.
In ISP mode, this is the U0_RXD pin.
In boundary scan mode: TDO (Test Data Out).
A
ACMP_I1 — Analog comparator input 1.
PIO0_1/ACMP_I2/
CLKIN/TDI
12
16
[2]
I; PU
IO
PIO0_1 — General-purpose port 0 input/output 1.
In boundary scan mode: TDI (Test Data In).
A
ACMP_I2 — Analog comparator input 2.
I
CLKIN — External clock input.
SWDIO/PIO0_2/
TMS
87
[4]
I; PU
IO
SWDIO — Serial Wire Debug I/O. SWDIO is enabled by default
on this pin. In boundary scan mode: TMS (Test Mode Select).
I/O
PIO0_2 — General-purpose port 0 input/output 2.
SWCLK/PIO0_3/
TCK
76
[4]
I; PU
I
SWCLK — Serial Wire Clock. SWCLK is enabled by default on
this pin.
In boundary scan mode: TCK (Test Clock).
IO
PIO0_3 — General-purpose port 0 input/output 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com