Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 6Page - NXP Semiconductors LPC82X Datasheet HTML 7Page - NXP Semiconductors LPC82X Datasheet HTML 8Page - NXP Semiconductors LPC82X Datasheet HTML 9Page - NXP Semiconductors LPC82X Datasheet HTML 10Page - NXP Semiconductors LPC82X Datasheet HTML 11Page - NXP Semiconductors LPC82X Datasheet HTML 12Page - NXP Semiconductors LPC82X Datasheet HTML 13Page - NXP Semiconductors LPC82X Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
10 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
[3]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis. This pin is
active in Deep power-down mode and includes a 20 ns glitch filter (active in all power modes). In Deep power-down mode, pulling the
WAKEUP pin LOW wakes up the chip. The wake-up pin function can be disabled and the pin can be used for other purposes, if the
WKT low-power oscillator is enabled for waking up the part from Deep power-down mode. See Table 17 “Dynamic characteristics:
WKTCLKIN pin” for the WKTCLKIN input.
[4]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis; includes
high-current output driver.
[5]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis.
[6]
True open-drain pin. I2C-bus pins compliant with the I2C-bus specification for I2C standard mode, I2C Fast-mode, and I2C Fast-mode
Plus. Do not use this pad for high-speed applications such as SPI or USART. The pin requires an external pull-up to provide output
functionality. When power is switched off, this pin is floating and does not disturb the I2C lines. Open-drain configuration applies to all
functions on this pin.
[7]
See Figure 10 for the reset pad configuration. This pin includes a 20 ns glitch filter (active in all power modes). RESET functionality is
not available in Deep power-down mode. Use the WAKEUP pin to reset the chip and wake up from Deep power-down mode. An
external pull-up resistor is required on this pin for the Deep power-down mode.
[8]
5 V tolerant pin providing standard digital I/O functions with configurable modes, configurable hysteresis, and analog I/O for the system
oscillator. When configured for XTALIN and XTALOUT, the digital section of the pin is disabled, and the pin is not 5 V tolerant.
[9]
The WKTCLKIN function is enabled in the DPDCTRL register in the PMU. See the LPC82x user manual.
[10] The digital part of this pin is 3 V tolerant pin due to special analog functionality. Pin provides standard digital I/O functions with
configurable modes, configurable hysteresis, and an analog input. When configured as an analog input, the digital section of the pin is
disabled.
[11] Thermal pad for HVQFN33.
Table 4.
Movable functions (assign to pins PIO0_0 to PIO0_28 through switch matrix)
Function name
Type
Description
U0_TXD
O
Transmitter output for USART0.
U0_RXD
I
Receiver input for USART0.
U0_RTS
O
Request To Send output for USART0.
U0_CTS
I
Clear To Send input for USART0.
U0_SCLK
I/O
Serial clock input/output for USART0 in synchronous mode.
U1_TXD
O
Transmitter output for USART1.
U1_RXD
I
Receiver input for USART1.
U1_RTS
O
Request To Send output for USART1.
U1_CTS
I
Clear To Send input for USART1.
U1_SCLK
I/O
Serial clock input/output for USART1 in synchronous mode.
U2_TXD
O
Transmitter output for USART2.
U2_RXD
I
Receiver input for USART2.
U2_RTS
O
Request To Send output for USART1.
U2_CTS
I
Clear To Send input for USART1.
U2_SCLK
I/O
Serial clock input/output for USART1 in synchronous mode.
SPI0_SCK
I/O
Serial clock for SPI0.
SPI0_MOSI
I/O
Master Out Slave In for SPI0.
SPI0_MISO
I/O
Master In Slave Out for SPI0.
SPI0_SSEL0
I/O
Slave select 0 for SPI0.
SPI0_SSEL1
I/O
Slave select 1 for SPI0.
SPI0_SSEL2
I/O
Slave select 2 for SPI0.
SPI0_SSEL3
I/O
Slave select 3 for SPI0.
SPI1_SCK
I/O
Serial clock for SPI1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com