Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 31Page - NXP Semiconductors LPC82X Datasheet HTML 32Page - NXP Semiconductors LPC82X Datasheet HTML 33Page - NXP Semiconductors LPC82X Datasheet HTML 34Page - NXP Semiconductors LPC82X Datasheet HTML 35Page - NXP Semiconductors LPC82X Datasheet HTML 36Page - NXP Semiconductors LPC82X Datasheet HTML 37Page - NXP Semiconductors LPC82X Datasheet HTML 38Page - NXP Semiconductors LPC82X Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
35 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply voltages.
[2]
Tamb = 25 C.
[3]
IDD measurements were performed with all pins configured as GPIO outputs driven LOW and pull-up resistors disabled.
[4]
IRC enabled; system oscillator disabled; system PLL disabled.
[5]
System oscillator enabled; IRC disabled; system PLL disabled.
[6]
BOD disabled.
[7]
All peripherals disabled in the SYSAHBCLKCTRL register. Peripheral clocks to USART, CLKOUT, and IOCON disabled in system
configuration block.
[8]
IRC enabled; system oscillator disabled; system PLL enabled.
[9]
IRC disabled; system oscillator enabled; system PLL enabled.
[10] All oscillators and analog blocks turned off.
[11] WAKEUP pin pulled HIGH externally.
IDD
supply current
Deep power-down mode; VDD =
3.3 V; 10 kHz low-power oscillator
and self-wake-up timer (WKT)
enabled
-
1.1
-
A
Deep power-down mode; VDD =
3.3 V; external clock input
WKTCLKIN @ 10 kHz with
self-wake-up timer enabled
-
0.4
-
A
Deep power-down mode; VDD =
3.3 V; external clock input
WKTCLKIN @ 32 kHz with
self-wake-up timer enabled
-
0.7
-
A
Table 8.
Static characteristics, supply pins …continued
Tamb =
−40 °C to +105 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com