Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 72 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 68Page - NXP Semiconductors LPC82X Datasheet HTML 69Page - NXP Semiconductors LPC82X Datasheet HTML 70Page - NXP Semiconductors LPC82X Datasheet HTML 71Page - NXP Semiconductors LPC82X Datasheet HTML 72Page - NXP Semiconductors LPC82X Datasheet HTML 73Page - NXP Semiconductors LPC82X Datasheet HTML 74Page - NXP Semiconductors LPC82X Datasheet HTML 75Page - NXP Semiconductors LPC82X Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
72 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
Unused pins with GPIO function should be configured as outputs set to LOW with their
internal pull-up disabled. To configure a GPIO pin as output and drive it LOW, select the
GPIO function in the IOCON register, select output in the GPIO DIR register, and write a 0
to the GPIO PORT register for that pin. Disable the pull-up in the pin’s IOCON register.
In addition, it is recommended to configure all GPIO pins that are not bonded out on
smaller packages as outputs driven LOW with their internal pull-up disabled.
[1]
I = Input, O = Output, IA = Inactive (no pull-up/pull-down enabled), F = floating, PU = Pull-Up.
14.5 Pin states in different power modes
[1]
Default and programmed pin states are retained in sleep, deep-sleep, and power-down modes.
Table 30.
Termination of unused pins
Pin
Default
state[1]
Recommended termination of unused pins
RESET/PIO0_5
I; PU
In an application that does not use the RESET pin or its GPIO function, the
termination of this pin depends on whether Deep power-down mode is used:
• Deep power-down used: Connect an external pull-up resistor and keep pin in
default state (input, pull-up enabled) during all other power modes.
• Deep power-down not used and no external pull-up connected: can be left
unconnected if internal pull-up is disabled and pin is driven LOW and
configured as output by software.
all PIOn_m (not
open-drain)
I; PU
Can be left unconnected if driven LOW and configured as GPIO output with pull-up
disabled by software.
PIOn_m (I2C open-drain)
IA
Can be left unconnected if driven LOW and configured as GPIO output by software.
VREFP
-
Tie to VDD.
VREFN
-
Tie to VSS.
Table 31.
Pin states in different power modes
Pin
Active
Sleep
Deep-sleep/Power-
down
Deep power-down
PIOn_m pins (not
I2C)
As configured in the IOCON[1]. Default: internal pull-up
enabled.
Floating.
PIO0_4, PIO0_5
(open-drain
I2C-bus pins)
As configured in the IOCON[1].
Floating.
RESET
Reset function enabled. Default: input, internal pull-up
enabled.
Reset function disabled; floating; if the part
is in deep power-down mode, the RESET
pin needs an external pull-up to reduce
power consumption.
PIO0_16/
WAKEUP
As configured in the IOCON[1]. WAKEUP function inactive. Wake-up function enabled; can be disabled
by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com