Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 26Page - NXP Semiconductors LPC82X Datasheet HTML 27Page - NXP Semiconductors LPC82X Datasheet HTML 28Page - NXP Semiconductors LPC82X Datasheet HTML 29Page - NXP Semiconductors LPC82X Datasheet HTML 30Page - NXP Semiconductors LPC82X Datasheet HTML 31Page - NXP Semiconductors LPC82X Datasheet HTML 32Page - NXP Semiconductors LPC82X Datasheet HTML 33Page - NXP Semiconductors LPC82X Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
30 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
8.24 Emulation and debugging
Debug functions are integrated into the ARM Cortex-M0+. Serial wire debug functions are
supported in addition to a standard JTAG boundary scan. The ARM Cortex-M0+ is
configured to support up to four breakpoints and two watch points.
The Micro Trace Buffer is implemented on the LPC82x.
The RESET pin selects between the JTAG boundary scan (RESET = LOW) and the ARM
SWD debug (RESET = HIGH). The ARM SWD debug port is disabled while the LPC82x is
in reset. The JTAG boundary scan pins are selected by hardware when the part is in
boundary scan mode on pins PIO0_0 to PIO0_3 (see Table 3).
To perform boundary scan testing, follow these steps:
1. Erase any user code residing in flash.
2. Power up the part with the RESET pin pulled HIGH externally.
3. Wait for at least 250
s.
4. Pull the RESET pin LOW externally.
5. Perform boundary scan operations.
6. Once the boundary scan operations are completed, assert the TRST pin to enable the
SWD debug mode, and release the RESET pin (pull HIGH).
Remark: The JTAG interface cannot be used for debug purposes.
Fig 11. Connecting the SWD pins to a standard SWD connector
RESET
SWDIO
SWCLK
VDD
LPC82x
ISP entry
PIO0_12
VTREF
SWDIO
SWCLK
nRESET
GND
aaa-015075
from SWD
connector
3.3 V
~10 kΩ -
100 kΩ
DGND
~10 kΩ -
100 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com