Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC82X Datasheet HTML 1Page - NXP Semiconductors LPC82X Datasheet HTML 2Page - NXP Semiconductors LPC82X Datasheet HTML 3Page - NXP Semiconductors LPC82X Datasheet HTML 4Page - NXP Semiconductors LPC82X Datasheet HTML 5Page - NXP Semiconductors LPC82X Datasheet HTML 6Page - NXP Semiconductors LPC82X Datasheet HTML 7Page - NXP Semiconductors LPC82X Datasheet HTML 8Page - NXP Semiconductors LPC82X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
3 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
Power-On Reset (POR).
Brownout detect (BOD).
Unique device serial number for identification.
Single power supply (1.8 V to 3.6 V).
Operating temperature range -40 °C to +105 °C.
Available in a TSSOP20 and HVQFN33 (5x5) package.
3. Applications
4. Ordering information
4.1 Ordering options
Sensor gateways
Simple motor control
Industrial
Portables and wearables
Gaming controllers
Lighting
8/16-bit applications
Motor control
Consumer
Fire and security applications
Climate control
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC824M201JHI33
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no leads;
33 terminals; body 5
 5  0.85 mm
n/a
LPC822M101JHI33
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no leads;
33 terminals; body 5
 5  0.85 mm
n/a
LPC824M201JDH20
TSSOP20
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
LPC822M101JDH20
TSSOP20
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
Table 2.
Ordering options
Type number
Flash/
KB
SRAM/
KB
USART
I2C
SPI
ADC
channels
Comparator GPIO
Package
LPC824M201JHI33
32
8
3
4
2
12
Y
29
HVQFN33
LPC822M101JHI33
16
4
3
4
2
12
Y
29
HVQFN33
LPC824M201JDH20
32
8
3
4
2
5
Y
16
TSSOP20
LPC822M101JDH20
16
4
3
4
2
5
y
16
TSSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com