Electronic Components Datasheet Search
  English  ▼

X  

LPC82X Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LPC82X Datasheet HTML 56Page - NXP Semiconductors LPC82X Datasheet HTML 57Page - NXP Semiconductors LPC82X Datasheet HTML 58Page - NXP Semiconductors LPC82X Datasheet HTML 59Page - NXP Semiconductors LPC82X Datasheet HTML 60Page - NXP Semiconductors LPC82X Datasheet HTML 61Page - NXP Semiconductors LPC82X Datasheet HTML 62Page - NXP Semiconductors LPC82X Datasheet HTML 63Page - NXP Semiconductors LPC82X Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
60 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
12.4.6 USART interface
The maximum USART bit rate is 10 Mbit/s in synchronous mode master mode and
10 Mbit/s in synchronous slave mode.
Remark: USART functions can be assigned to all digital pins. The characteristics are
valid for all digital pins except the open-drain pins PIO0_10 and PIO0_11.
Table 21.
USART dynamic characteristics
Tamb =
−40 °C to 105 °C; 1.8 V <= VDD <= 3.6 V unless noted otherwise; CL = 10 pF; input slew =
10 ns. Simulated parameters sampled at the 30 %/70 % level of the falling or rising edge; values
guaranteed by design.
Symbol
Parameter
Conditions
Min
Max Unit
USART master (in synchronous mode)
tsu(D)
data input set-up time
3.0 V <= VDD <= 3.6 V
31
-
ns
1.8 V <= VDD < 3.0 V
37
th(D)
data input hold time
0
-
ns
tv(Q)
data output valid time
0
5
ns
USART slave (in synchronous mode)
tsu(D)
data input set-up time
6
-
ns
th(D)
data input hold time
2
-
ns
tv(Q)
data output valid time
3.0 V <= VDD <= 3.6 V
0
28
ns
1.8 V <= VDD < 3.0 V
0
37
ns
In master mode, Tcy(clk) = U_PCLK/BRGVAL. See the LPC82x User manual.
Fig 37. USART timing
Un_SCLK (CLKPOL = 0)
TXD
RXD
Tcy(clk)
tsu(D) th(D)
tv(Q)
START
BIT0
tvQ)
Un_SCLK (CLKPOL = 1)
START
BIT0
BIT1
BIT1
aaa-015074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com