Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 8Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 9Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 10Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 11Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 12Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 13Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 14Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 15Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 12 of 69
3.2.1.2 + 12V input Source Power Supply Design Guidelines
• The desired output for the power supply is 3.8V, hence due to the big difference between the
input source and the desired output, a linear regulator is not suited and shall not be used. A
switching power supply will be preferable because of its better efficiency especially with the
2A peak current load represented by the GE863-QUAD.
• When using a switching regulator, a 500kHz or more switching frequency regulator is
preferable because of its smaller inductor size and its faster transient response. This allows
the regulator to respond quickly to the current peaks absorption.
• For car PB battery the input voltage can rise up to 15,8V and this should be kept in mind
when choosing components: all components in the power supply must withstand this voltage.
• A Bypass low ESR capacitor of adequate capacity must be provided in order to cut the
current absorption peaks, a 100μF tantalum capacitor is usually suited.
• Make sure the low ESR capacitor on the power supply output (usually a tantalum one) is
rated at least 10V.
• For Car applications a spike protection diode should be inserted close to the power input, in
order to clean the supply from spikes.
• A protection diode should be inserted close to the power input, in order to save the GE863-
QUAD from power polarity inversion. This can be the same diode as for spike protection.
An example of switching regulator with 12V input is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com