Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 41Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 42Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 43Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 44Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 45Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 46Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 47Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 48Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 45 of 69
8.3Using the Alarm Output GPIO6
The GPIO6 pad, when configured as Alarm Output, is controlled by the GE863-QUAD module
and will rise when the alarm starts and fall after the issue of a dedicated AT command.
This output can be used to power up the GE863-QUAD controlling microcontroller or
application at the alarm time, giving you the possibility to program a timely system wake-up to
achieve some periodic actions and completely turn off either the application and the GE863-
QUAD during sleep periods, drammatically reducing the sleep comsumption to few μA.
In battery powered devices this feature will greatly improve the autonomy of the device.
8.4 Using the Buzzer Output GPIO7
The GPIO7 pad, when configured as Buzzer Output, is controlled by the GE863-QUAD module
and will drive with appropriate square waves a Buzzer driver.
This permits to your application to easily implement Buzzer feature with ringing tones or melody
played at the call incoming, tone playing on SMS incoming or simply playing a tone or melody
when needed by your application.
A sample interface scheme is included below to give you an idea of how to interface a Buzzer to
the GPIO7:
NOTE: To correctly drive a buzzer a driver must be provided, its characteristics depend on the
Buzzer and for them refer to your buzzer vendor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com