Electronic Components Datasheet Search
  English  ▼

X  

GE863 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # GE863
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button GE863 Datasheet HTML 34Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 35Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 36Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 37Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 38Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 39Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 40Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 41Page - List of Unclassifed Manufacturers GE863 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 38 of 69
external speaker path ( EAR_HF+ , EAR_HF- )
• line coupling:
DC
• line type:
bridged
• speaker impedance (operating conditions):
≥ 16 Ω ± 15% @ 1kHz
• minimum load impedance:
15 Ω
• signal bandwidth:
150 - 8000 Hz @ -3 dB
• maximum differential output:
425 mVrms
• rated output power:
2.5 mW
• maximum power output:
7.5 mW
• volume level steps (SW):
- 2 dB
• number of volume steps (SW):
10
The EVK v.1.2 audio output characteristics are:
internal/external ear single ended
• line coupling:
AC
• line type:
single ended referred to GND
• speaker impedance (operating conditions):
≥ 8 Ω
• minimum load impedance:
8 Ω
• signal bandwidth:
150 - 8000 Hz @ -3 dB
• maximum output:
800 mVrms
• maximum power output:
80 mW @ 8 Ω
• THD+N
1% @ 80mW
internal/external ear bridged
• line coupling:
DC
• line type:
bridged not referred to GND
• speaker impedance (operating conditions):
≥ 8 Ω
• minimum load impedance:
8 Ω
• signal bandwidth:
150 - 8000 Hz @ -3 dB
• maximum output:
1.6 Vrms
• maximum power output:
320 mW @ 8 Ω
• THD+N
1% @ 330mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com